Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CM1231 Datasheet (PDF) - California Micro Devices Corp

CM1231 Datasheet PDF - California Micro Devices Corp
Part # CM1231
Download  CM1231 Download
File Size   253.65 Kbytes
Page   11 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description Two-Channel PicoGuard XPTM ESD Clamp Protection Array

CM1231 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1231 Datasheet PDF - California Micro Devices Corp

Part # CM1231
Download  CM1231 Click to download

File Size   253.65 Kbytes
Page   11 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description Two-Channel PicoGuard XPTM ESD Clamp Protection Array

CM1231 Datasheet (HTML) - California Micro Devices Corp


CM1231 Product details

Product Description
The CM1231 is a member of the XtremeESDTM product family and is specifically designed for next generation deep submicron ASIC protection. These devices are ideal for protecting systems with high data and clock rates and for circuits requiring low capacitive loading such as USB 2.0.

Features
• Two channels of ESD protection
• Exceeds ESD protection to IEC61000-4-2 Level 4:
    • ±12kV contact discharge (OUT pins)
• Two-stage matched clamp architecture
• Matching-of-series resistor (R) of ±10mΩ typical
• Flow-through routing for high-speed signal integrity
• Differential channel input capacitance matching of 0.02pF typical.
• Improved powered ASIC latchup protection
• Dramatic improvement in ESD protection vs. best in class single-stage diode arrays
    • 40% reduction in peak clamping voltage
    • 40% reduction in peak residual current
• Withstands over 1000 ESD strikes*
• Available in a SOT23-6 package

Applications
• USB devices data port protection
• General high-speed data line ESD protection




Similar Part No. - CM1231

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1231-02SO ONSEMI-CM1231-02SO Datasheet
317Kb / 12P
2,4,8-Channel Low-Capacitance ESD Protection Array
January, 2014 ??Rev. 4
More results


Similar Description - CM1231

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN004 CALMIRCO-PACDN004 Datasheet
135Kb / 3P
2 CHANNEL ESD PROTECTION ARRAY
PACDN016 CALMIRCO-PACDN016 Datasheet
134Kb / 3P
6 CHANNEL ESD PROTECTION ARRAY WITH ZENER SUPPLY CLAMP
PACDN017 CALMIRCO-PACDN017 Datasheet
133Kb / 3P
18 CHANNEL ESD PROTECTION ARRAY WITH ZENER SUPPLY CLAMP
CM1233 CALMIRCO-CM1233 Datasheet
173Kb / 10P
PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection
CM1234 CALMIRCO-CM1234 Datasheet
169Kb / 10P
PicoGuard XSTM ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
CM1233 ONSEMI-CM1233 Datasheet
308Kb / 13P
PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 2
CM1234 ONSEMI-CM1234 Datasheet
273Kb / 13P
PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
CM1235 ONSEMI-CM1235 Datasheet
264Kb / 14P
Small Footprint PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
CM1236 ONSEMI-CM1236 Datasheet
268Kb / 14P
PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
ESD4238 ONSEMI-ESD4238 Datasheet
206Kb / 8P
ESD Clamp Array with ESD Protection
January, 2014 ??Rev. 1
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com