Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLSR9511BER Datasheet (PDF) - Telink

TLSR9511BER Datasheet PDF - Telink
Part # TLSR9511BER
Download  TLSR9511BER Download
File Size   4361.31 Kbytes
Page   175 Pages
Manufacturer  TELINK [Telink]
Direct Link  https://www.telink-semi.com/
Logo TELINK - Telink
Description Datasheet for Telink Multi-Standard Wireless SoC TLSR9511B

TLSR9511BER Datasheet (PDF)

Go To PDF Page Download Datasheet
TLSR9511BER Datasheet PDF - Telink

Part # TLSR9511BER
Download  TLSR9511BER Click to download

File Size   4361.31 Kbytes
Page   175 Pages
Manufacturer  TELINK [Telink]
Direct Link  https://www.telink-semi.com/
Logo TELINK - Telink
Description Datasheet for Telink Multi-Standard Wireless SoC TLSR9511B

TLSR9511BER Datasheet (HTML) - Telink


TLSR9511BER Product details

1.2 Key Features
1.2.1 General Features
General features are as follows:
1. Support unique ID (UID)
2. RTC and other timers
• Clock source of 24 MHz & 32.768 kHz Crystal and 32 kHz / 24 MHz embedded RC oscillator
• Two general 32-bit timers with four selectable modes in active mode
• Watchdog timer
• A low-frequency 32 kHz timer available in low power mode
3. A rich set of digital and analog interfaces
• Up to 40 GPIOs for TLSR9511B
• Configurable 4-wire JTAG debug interface
• Dual DMIC (Digital Mic)
• 24 bit 192 kHz I2S for TLSR9511B
• SPI, I2C, USB 2.0, Swire, UART with hardware flow control
• Up to 6 channels of differential PWM
• IR transmitter with DMA
• 10-channel (only GPIO input) Auxiliary ADC
• Low power comparator
4. Embedded hardware AES block cipher with 128 bit keys and software AES CCM
5. Embedded hardware acceleration for Elliptical curve cryptography (ECC)
6. Embedded Random Number Generator (TRNG)
7. Hardware OTA upgrade and multiple boot switch, allowing convenient product feature roll outs and
upgrades
8. Operating temperature range: -40°C~+85°C
9. Completely RoHS-compliant package
• TLSR9511B, 56-pin QFN 7x7mm
10. Supports Bluetooth, BLE Mesh




Similar Part No. - TLSR9511BER

ManufacturerPart #DatasheetDescription
logo
Telink
TLSR9513BER TELINK-TLSR9513BER Datasheet
3Mb / 166P
Datasheet for Telink Multi-Standard Wireless SoC TLSR9513
Ver 1.3.1
TLSR9513EER TELINK-TLSR9513EER Datasheet
3Mb / 166P
Datasheet for Telink Multi-Standard Wireless SoC TLSR9513
Ver 1.3.1
TLSR9515AER TELINK-TLSR9515AER Datasheet
4Mb / 188P
Datasheet for Telink Multi-Standard Wireless SoC TLSR9515
Ver 1.2.4
TLSR9515RER TELINK-TLSR9515RER Datasheet
4Mb / 188P
Datasheet for Telink Multi-Standard Wireless SoC TLSR9515
Ver 1.2.4
TLSR9516AER TELINK-TLSR9516AER Datasheet
3Mb / 163P
Datasheet for Telink Multi-Standard Wireless SoC TLSR9516A
Ver 1.0.3
More results


Similar Description - TLSR9511BER

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
Bluetooth SoC for Embedded Wireless Devices
logo
Microchip Technology
DS0147 MICROCHIP-DS0147 Datasheet
2Mb / 128P
PolarFire SoC Advanced Datasheet
December 2019
logo
Silicon Laboratories
EFR32BG22C112 SILABS-EFR32BG22C112 Datasheet
1Mb / 78P
EFR32BG22C112 Wireless Gecko SoC
Rev. 1.1
EFR32BG24 SILABS-EFR32BG24 Datasheet
2Mb / 128P
EFR32BG24 Wireless SoC Family
Rev. 1.0
EFR32FG23 SILABS-EFR32FG23 Datasheet
2Mb / 144P
EFR32FG23 Wireless SoC Family
Rev. 1.1
EFR32MG14 SILABS-EFR32MG14 Datasheet
3Mb / 173P
EFR32MG14 Mighty Gecko Multi-Protocol Wireless SoC Family
Rev. 1.5
EFR32MG24 SILABS-EFR32MG24 Datasheet
2Mb / 131P
EFR32MG24 Wireless SoC Family
Rev. 1.0
EFR32ZG23 SILABS-EFR32ZG23 Datasheet
2Mb / 129P
EFR32ZG23 Wireless SoC Family
Rev. 1.1
logo
Renesas Technology Corp
DA1470X RENESAS-DA1470X Datasheet
9Mb / 1020P
Multi-Сore Wireless SoC Family with PMU and GPU
10-Nov-2022
logo
List of Unclassifed Man...
TLSR8266 ETC-TLSR8266 Datasheet
287Kb / 3P
Telink BLE series SoC unlocks the full potential for Bluetooth low energy applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com