Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RV1S2281A Datasheet (PDF) - Renesas Technology Corp

RV1S2281A Datasheet PDF - Renesas Technology Corp
Part # RV1S2281A
Download  RV1S2281A Download
File Size   1632.29 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description OPERATING AMBIENT TEMPERATURE 115 °C, 4-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSOP) PHOTOCOUPLER

RV1S2281A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S2281A Datasheet PDF - Renesas Technology Corp

Part # RV1S2281A
Download  RV1S2281A Click to download

File Size   1632.29 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description OPERATING AMBIENT TEMPERATURE 115 °C, 4-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSOP) PHOTOCOUPLER

RV1S2281A Datasheet (HTML) - Renesas Technology Corp


RV1S2281A Product details

 Small and long creepage (8.2 mm, LSSOP)
 Operating ambient temperature: 115 °C
 High isolation voltage (BV = 5 000 Vr.m.s.)
 Embossed tape product :RV1S2281ACCSP-10Yx#KC0: 3 500 pcs/reel
 Pb-free product
 Safety standard
• UL :UL 1577, Double protection
• CSA :CSA C22.2 No.62368-1, Reinforced insulation
• VDE :DIN EN IEC 60747-5-5 (Option)




Similar Part No. - RV1S2281A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S2281A RENESAS-RV1S2281A Datasheet
1Mb / 15P
OPERATING AMBIENT TEMPERATURE 115°C
Nov 11,2019
More results


Similar Description - RV1S2281A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2861B-1 CEL-PS2861B-1 Datasheet
245Kb / 13P
4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110쨘C
PS2761B-1 CEL-PS2761B-1 Datasheet
210Kb / 13P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1_15 Datasheet
292Kb / 15P
4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2381-1 RENESAS-PS2381-1_15 Datasheet
249Kb / 15P
4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
RV1S9261A RENESAS-RV1S9261A Datasheet
350Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
May 09, 2022
RV1S9262A RENESAS-RV1S9262A Datasheet
349Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
May 09, 2022
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
RV1S2281A RENESAS-RV1S2281A Datasheet
1Mb / 15P
OPERATING AMBIENT TEMPERATURE 115°C
Nov 11,2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com