Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL3282EIRTZ-T Datasheet (PDF) - Renesas Technology Corp

ISL3282EIRTZ-T Datasheet PDF - Renesas Technology Corp
Part # ISL3282EIRTZ-T
Download  ISL3282EIRTZ-T Download
File Size   998.52 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers

ISL3282EIRTZ-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL3282EIRTZ-T Datasheet PDF - Renesas Technology Corp

Part # ISL3282EIRTZ-T
Download  ISL3282EIRTZ-T Click to download

File Size   998.52 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers

ISL3282EIRTZ-T Datasheet (HTML) - Renesas Technology Corp


ISL3282EIRTZ-T Product details

• IEC61000 ESD protection on RS-485 inputs . . . . . . . ±16.5kV
- Class 3 ESD level on all other pins . . . . . . . . . . .>5kV HBM
• Pb-free (RoHS compliant)
• Wide supply range . . . . . . . . . . . . . . . . . . . . . . . . . 3.0V to 5.5V
• Specified for +125°C operation
• Logic supply pin (VL) eases operation in mixed supply
systems (ISL3282E, ISL3284E only)
• Full fail-safe (open, short, terminated/undriven)
• True 1/8 unit load allows up to 256 devices on the bus
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . up to 20Mbps
• Low quiescent supply current. . . . . . . . . . . . . . . 500μA (max)
- Very low shutdown supply current . . . . . . . . . . 20μA (max)
• -7V to +12V common mode input voltage range
• Tri-statable Rx available (active low or high EN input)
• 5V tolerant logic inputs when VCC ≤ 5V




Similar Part No. - ISL3282EIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ISL3282EIRTZ-T IDT-ISL3282EIRTZ-T Datasheet
605Kb / 15P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL3282EIRTZ-T INTERSIL-ISL3282EIRTZ-T Datasheet
629Kb / 16P
±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL3282EIRTZ-T RENESAS-ISL3282EIRTZ-T Datasheet
944Kb / 16P
Clock distribution
More results


Similar Description - ISL3282EIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
October 18, 2007
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
September 19, 2007
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
November 19, 2009
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com