Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISLA212P50 Datasheet (PDF) - Renesas Technology Corp

ISLA212P50 Datasheet PDF - Renesas Technology Corp
Part # ISLA212P50_V01
Download  ISLA212P50 Download
File Size   1749.17 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-Bit, 500MSPS ADC

ISLA212P50 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISLA212P50 Datasheet PDF - Renesas Technology Corp

Part # ISLA212P50_V01
Download  ISLA212P50 Click to download

File Size   1749.17 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-Bit, 500MSPS ADC

ISLA212P50 Datasheet (HTML) - Renesas Technology Corp


ISLA212P50 Product details

• Automatic fine interleave correction calibration
• Single supply 1.8V operation
• Clock duty cycle stabilizer
• 75f clock jitter
• 700MHz bandwidth
• Programmable built-in test patterns
• Multi-ADC support
- SPI programmable fine gain and offset control
- Support for multiple ADC synchronization
- Optimized output timing
• Nap and sleep modes
- 200μs sleep wake-up time
• Data output clock
• DDR LVDS-compatible or LVCMOS outputs
• Selectable clock divider




Similar Part No. - ISLA212P50_V01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA212P50IRZ RENESAS-ISLA212P50IRZ Datasheet
1Mb / 38P
12-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA212P50_1105 INTERSIL-ISLA212P50_1105 Datasheet
1Mb / 38P
12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
More results


Similar Description - ISLA212P50_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
12-Bit, 500MSPS A/D Converter
January 16, 2009
ISLA212P50_1105 INTERSIL-ISLA212P50_1105 Datasheet
1Mb / 38P
12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
12-Bit, 500MSPS A/D Converter
October 9, 2009
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
14-Bit, 500MSPS ADC
December 10, 2012
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
12-Bit, 500MSPS A/D Converter
August 1, 2011
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
12-Bit, 500MSPS ADC
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
14-Bit, 500MSPS ADC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com