Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1SDA063552R1 Datasheet (PDF) - ABB

1SDA063552R1 Datasheet PDF - ABB
Part # 1SDA063552R1
Download  1SDA063552R1 Download
File Size   99.05 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description UVR T7-T7M-X1 220...240Va.c./d.c.

1SDA063552R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SDA063552R1 Datasheet PDF - ABB

Part # 1SDA063552R1
Download  1SDA063552R1 Click to download

File Size   99.05 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description UVR T7-T7M-X1 220...240Va.c./d.c.

1SDA063552R1 Datasheet (HTML) - ABB


1SDA063552R1 Product details

Extended Product Type UVR T7-T7M-X1 220...240Va.c./d.c.
Product ID 1SDA063552R1
EAN 8015644661960
Catalog Description UVR T7-T7M-X1 220...240Va.c./d.c.
Long Description UNDERVOLTAGE RELEASE 220...240V AC-DC T7-T7M-X1
General Information




Similar Part No. - 1SDA063552R1

ManufacturerPart #DatasheetDescription
logo
ABB
1SDA062116R1 ABB-1SDA062116R1 Datasheet
87Kb / 3P
GEAR.MOTOR DEVICE T7M-X1 220...250Vac/dc
1SDA062122R1 ABB-1SDA062122R1 Datasheet
89Kb / 2P
RHE T7 F/W NORM. RETURNED
1SDA062127R1 ABB-1SDA062127R1 Datasheet
17Mb / 192P
Switch-disconnectors High performance, compact solution
1SDA062166R1 ABB-1SDA062166R1 Datasheet
101Kb / 2P
RIGHT SLIDING CONTAC.MP C.BR.T7-T7M-X1
1SDA066670R1 ABB-1SDA066670R1 Datasheet
87Kb / 3P
HTC XT4 3p TERMINAL COVERS HIGH 2pcs
More results


Similar Description - 1SDA063552R1

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
4831 FILTRAN-4831 Datasheet
90Kb / 1P
D.C. Reactors International
logo
Bel Fuse Inc.
X5585999T7-F BEL-X5585999T7-F Datasheet
178Kb / 2P
10/100BT MAGNETIC MODULE S558-5999-T7-F
logo
List of Unclassifed Man...
154G ETC2-154G Datasheet
261Kb / 2P
D.C. Filter (153-159 Series)
logo
Shoulder Electronics Li...
ZM146-32.768-12.5-20 SHOULDER-ZM146-32.768-12.5-20 Datasheet
514Kb / 13P
RESONATORS are designated " SSP-T7-F"(32.768kHz ).
logo
Good Will Instrument Co...
GOM-801H GWINSTEK-GOM-801H Datasheet
534Kb / 1P
D.C. MILLI-OHM METER
GOM-802 GWINSTEK-GOM-802 Datasheet
534Kb / 1P
D.C. MILLI-OHM METER
logo
Kemet Corporation
C711U221KYYDBAWL50 KEMET-C711U221KYYDBAWL50 Datasheet
265Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 220 pF, 10%, 400 VAC (X1), 250 VAC (Y2), Y5P, Lead Spacing = 10mm
2/03/2023
C717U221KYYDBAWL35 KEMET-C717U221KYYDBAWL35 Datasheet
265Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 220 pF, 10%, 400 VAC (X1), 250 VAC (Y2), Y5P, Lead Spacing = 7.5mm
2/03/2023
C717U221KZYDAAWL25 KEMET-C717U221KZYDAAWL25 Datasheet
257Kb / 1P
C700KJY SFTY X1-440 Y2-300, Ceramic, 220 pF, 10%, 440 VAC (X1), 300 VAC (Y2), Y5P, Lead Spacing = 7.5mm
2/03/2023
C721U221KSYDCAWL35 KEMET-C721U221KSYDCAWL35 Datasheet
264Kb / 1P
C700KJN SFTY X1-440 Y1-400, Ceramic, 220 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com