Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9FGV1001C Datasheet (PDF) - Renesas Technology Corp

9FGV1001C Datasheet PDF - Renesas Technology Corp
Part # 9FGV1001C
Download  9FGV1001C Download
File Size   1358.14 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Phase-Noise, Low-Power Programmable PhiClock™ Generators

9FGV1001C Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGV1001C Datasheet PDF - Renesas Technology Corp

Part # 9FGV1001C
Download  9FGV1001C Click to download

File Size   1358.14 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Phase-Noise, Low-Power Programmable PhiClock™ Generators

9FGV1001C Datasheet (HTML) - Renesas Technology Corp


9FGV1001C Product details

▪ 1.8V to 3.3V power supplies
▪ Individual 1.8V to 3.3V VDDO for each output pair
▪ Supports HCSL, LVDS and LVCMOS I/O standards
▪ HCSL utilizes Renesas’ LP-HCSL technology for improved
performance, lower power and higher integration:
• Programmable output impedance of 85Ω or 100Ω
▪ Supports LVPECL and CML logic with easy AC coupling. See
application note AN-891 for alternate terminations
▪ On-board OTP supports up to 4 complete configurations
▪ Configuration selected via strapping pins or I2C
▪ Internal crystal load capacitors
▪ < 125mW at 1.8V, LP-HCSL outputs at 100MHz (9FGV1001C)
▪ < 100mW at 1.8V, LP-HCSL outputs at 100MHz (9FGV1005C)
▪ 4 programmable I2C addresses: D0, D2, D4, D6
▪ Easily configured with Renesas Timing Commander™ software
or Web Configuration tool
▪ 4 × 4 mm 24-VFQFPN and 24-LGA packages (9FGV1001)
▪ 3 × 3 mm 16-LGA package (9FGV1005)
▪ Integrated crystal option available




Similar Part No. - 9FGV1001C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGV1001C RENESAS-9FGV1001C Datasheet
1Mb / 28P
Low Phase-Noise, Low-Power Programmable PhiClock™ Generators
October 29, 2020
9FGV1001C001NBGI RENESAS-9FGV1001C001NBGI Datasheet
159Kb / 4P
9FGV1001C PhiClock Generator Custom Configuration Addendum
September 15, 2020
9FGV1001C001NBGI8 RENESAS-9FGV1001C001NBGI8 Datasheet
159Kb / 4P
9FGV1001C PhiClock Generator Custom Configuration Addendum
September 15, 2020
9FGV1001C002NBGI RENESAS-9FGV1001C002NBGI Datasheet
159Kb / 4P
9FGV1001C PhiClock Generator Custom Configuration Addendum
September 15, 2020
9FGV1001C002NBGI8 RENESAS-9FGV1001C002NBGI8 Datasheet
159Kb / 4P
9FGV1001C PhiClock Generator Custom Configuration Addendum
September 15, 2020
More results


Similar Description - 9FGV1001C

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DXO720840-5 SYNERGY-DXO720840-5 Datasheet
399Kb / 3P
Low Phase Noise
logo
Linear Technology
LT3095 LINER-LT3095 Datasheet
1Mb / 22P
Dual-Channel Low Noise Bias Generators
logo
Integrated Device Techn...
9FGV1006 IDT-9FGV1006 Datasheet
213Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1005 IDT-9FGV1005 Datasheet
219Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1004 IDT-9FGV1004 Datasheet
225Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1001 IDT-9FGV1001 Datasheet
225Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1002B IDT-9FGV1002B Datasheet
212Kb / 16P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
logo
Renesas Technology Corp
9FGV1001C RENESAS-9FGV1001C Datasheet
1Mb / 28P
Low Phase-Noise, Low-Power Programmable PhiClock™ Generators
October 29, 2020
9FGV1002C RENESAS-9FGV1002C Datasheet
1Mb / 31P
PCIe Gen1–6 Low-Power Programmable PhiClock™ Generators
March 23, 2022
9FGV1004C RENESAS-9FGV1004C Datasheet
1Mb / 29P
Low Phase-Noise, Low-Power Programmable PhiClock™ Generator
January 31, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com