Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CR-P024AC2 Datasheet (PDF) - ABB

CR-P024AC2 Datasheet PDF - ABB
Part # CR-P024AC2
Download  CR-P024AC2 Download
File Size   208.04 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description CR-P024AC2 Pluggable interface relay 2c/o, A1-A2=24VAC, 250V/8A

CR-P024AC2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CR-P024AC2 Datasheet PDF - ABB

Part # CR-P024AC2
Download  CR-P024AC2 Click to download

File Size   208.04 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description CR-P024AC2 Pluggable interface relay 2c/o, A1-A2=24VAC, 250V/8A

CR-P024AC2 Datasheet (HTML) - ABB


CR-P024AC2 Product details

Extended Product Type CR-P024AC2
Product ID 1SVR405601R0000
EAN 4013614498220
Catalog Description CR-P024AC2 Pluggable interface relay 2c/o, A1-A2=24VAC, 250V/8A
Long Description
The CR-P024AC2 pluggable interface relay is from the CR-P (pcb) relay range. This relay operates with a
24 V AC rated control supply voltage and has a 2 c/o (SPDT) output with contacts rated at 250 V / 8 A.
Standard sockets, logic sockets, pluggable function modules, holder and marker are available as
accessories.
General Information




Similar Part No. - CR-P024AC2

ManufacturerPart #DatasheetDescription
logo
ABB
CR-P024AC2 ABB-CR-P024AC2 Datasheet
756Kb / 12P
Pluggable interface relays and optocouplers CR-P Pcb relays, optocouplers and accessories
02/2017
CR-P024AC2G ABB-CR-P024AC2G Datasheet
756Kb / 12P
Pluggable interface relays and optocouplers CR-P Pcb relays, optocouplers and accessories
02/2017
More results


Similar Description - CR-P024AC2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1SVR405661R0000 ETC1-1SVR405661R0000 Datasheet
104Kb / 2P
Accessories for pluggable interface relays CR-U Pluggable function modules
logo
Rohm
RDN080N25 ROHM-RDN080N25 Datasheet
53Kb / 4P
Switching (250V, 8A)
logo
Alpha & Omega Semicondu...
AOD8N25 AOSMD-AOD8N25 Datasheet
379Kb / 6P
250V,8A N-Channel MOSFET
logo
Eldeco Srl
CFS-3.81 ELDECO-CFS-3.81 Datasheet
181Kb / 1P
Standard : UL - IEC 300V - 250V 8A - 13.5A
CMD-3.81-HF ELDECO-CMD-3.81-HF Datasheet
310Kb / 1P
Standard : UL - IEC 300V - 250V 8A - 7A
CMD-3.81-V ELDECO-CMD-3.81-V Datasheet
299Kb / 1P
Standard : UL - IEC 300V - 250V 8A - 7A
CRV-3.5-L ELDECO-CRV-3.5-L Datasheet
407Kb / 1P
Standard : UL - IEC 300V - 250V 8A - 7A
logo
Rohm
RD3U080CN ROHM-RD3U080CN Datasheet
2Mb / 15P
Nch 250V 8A Power MOSFET
RD3U080AAFRA ROHM-RD3U080AAFRA Datasheet
1Mb / 14P
Nch 250V 8A Power MOSFET
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com