Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCC33420 Datasheet (PDF) - Texas Instruments

UCC33420 Datasheet PDF - Texas Instruments
Part # UCC33420
Download  UCC33420 Download
File Size   1384.97 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC33411-Q1 Ultra-Small, 1.0W, 3.3V, 5kVRMS Isolation, Automotive DC/DC Module

UCC33420 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC33420 Datasheet PDF - Texas Instruments

Part # UCC33420
Download  UCC33420 Click to download

File Size   1384.97 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC33411-Q1 Ultra-Small, 1.0W, 3.3V, 5kVRMS Isolation, Automotive DC/DC Module

UCC33420 Datasheet (HTML) - Texas Instruments


UCC33420 Product details

1 Features
• Maximum output power; 1.0W
• Input voltage operation range: 4.5V to 5.5V
• Regulated selectable output voltage: 3.3V, 3.7V
– Available load current: 3.3V: 300mA
• Typical load regulation: 0.5%
• Typical line regulation: 4mV/V
• Robust isolation barrier:
– Isolation rating: 5kVRMS
– Surge capability: 10.4kVPK
– Working voltage: 1700VPK
– ± 8KV IEC 61000-4-2 contact discharge
protection across isolation barrier
– 250V/ns common mode transient immunity
• Power dense isolated DC/DC module with
integrated transformer technology
• Adaptive spread spectrum modulation (SSM)
• Meets CISPR-32 Class B emission
• Meets CISPR-25 Class 5 emission
• Strong magnetic field immunity
• Overload and short circuit protection
• Thermal shutdown
• Low inrush current soft-start
• Enable pin with fault reporting mechanism
• AEC-Q100 qualified with the following results:
– Device temperature Grade 1: –40°C to 125°C
ambient operating temperature
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• SSOP-16 (5.85mm × 7.50mm) package
• >8.2mm clearance and creepage

2 Applications
• HEV/EV Onboard charger
• HEV/EV Traction inverter
• HEV/EV Charging inlet control
• Bias power for isolated measurements
• Bias power for isolated signal chain
• Bias power for RS-485, RS-422, and CAN
interfaces

3 Description
The UCC33411-Q1 is an automotive qualified DC/DC
power module with integrated transformer technology
designed to provide 1.0W of isolated output power.
It can support an input voltage operation range from
4.5V to 5.5V and regulate 3.3V output voltage with a
selectable headroom of 3.7V.
The UCC33411-Q1 features a proprietary transformer
architecture that achieves a 5kVRMS isolation
withstand voltage, while simultaneously supporting
low electro-magnetic interference (EMI) and excellent
load regulation.
The UCC33411-Q1 integrates protection features for
increased system robustness such as enable pin with
fault reporting mechanism, short circuit protection and
thermal shutdown.
The UCC33411-Q1 comes in a miniaturized, lowprofile
SSOP (5.85mm × 7.50mm) package with
2.65mm height and > 8.2mm clearance and
creepage.




Similar Part No. - UCC33420

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC33420 TI1-UCC33420 Datasheet
575Kb / 9P
UCC33420 Ultra-Small, 1.5W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
FEBRUARY 2024
UCC33420 TI-UCC33420 Datasheet
1Mb / 26P
UCC33421-Q1 Ultra-Small, 1.5W, 5.0V, 5kVRMS Isolation, Automotive DC/DC Module
NOVEMBER 2024
UCC33420 TI-UCC33420 Datasheet
1Mb / 27P
UCC33421-Q1 Ultra-Small, 1.5W, 5.0V, 5kVRMS Isolation, Automotive DC/DC Module
NOVEMBER 2024
UCC33420 TI-UCC33420 Datasheet
1Mb / 28P
UCC33411-Q1 Ultra-Small, 1.0W, 3.3V, 5kVRMS Isolation, Automotive DC/DC Module
NOVEMBER 2024
UCC33420 TI-UCC33420 Datasheet
1Mb / 33P
UCC33020-Q1 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Automotive DC/DC Module
DECEMBER 2024
More results


Similar Description - UCC33420

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A300RUI MPD-A300RUI Datasheet
89Kb / 2P
3W, Ultra-Wide Input High Isolation DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
H100I MPD-H100I Datasheet
180Kb / 2P
Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
MHI300ARI6 MPD-MHI300ARI6 Datasheet
527Kb / 2P
Compact, 3W DIP Ultra-High Isolation DC/DC Converters
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
450Kb / 2P
Compact, 10W Ultra-High Isolation DC/DC Converters
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
Compact , 15W Ultra-High Isolation DC/DC Converters
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
Compact, 20W Ultra-High Isolation DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com