Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1272S Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R1272S Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R1272S
Download  R1272S Download
File Size   1691.67 Kbytes
Page   48 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 34 V Input Synchronous Step-down DC / DC Controller

R1272S Datasheet (PDF)

Go To PDF Page Download Datasheet
R1272S Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R1272S
Download  R1272S Click to download

File Size   1691.67 Kbytes
Page   48 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 34 V Input Synchronous Step-down DC / DC Controller

R1272S Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R1272S Product details

FEATURES
● Operating Voltage (Maximum Rating) ······················· 4.0 V to 34 V (36 V)
● Operating Temperature Range ································ -40°C ≤ Ta ≤ 105°C
(Usable in high-temperature environment)
● Start-up Voltage ··················································· 4.5 V
● Output Voltage ················· ··································· 0.7 V to 5.3 V
● Feedback Voltage Tolerance ················· ················· 0.64 V ± 1%
● Consumption Current at No Load (at VFM mode) ········ Typ.15 μA
● Adjustable Oscillation Frequency(1) ········ ·················· 250 kHz to 1 MHz
● Synchronizable Clock Frequency(1)··························· 250 kHz to 1 MHz
● Spreading Rate for SSCG ······································ Typ. ±3.6%
● Minimum On-Time ··· ············································ Typ.100 ns
● Minimum Off-Time ················································ Typ.120 ns (at regulation mode)
At dropout, actual minimum off-time is reduced.
● Adjustable Soft-start Time(2) ···································· Typ.500 μs
● Pre-bias Start-up
● Anti-phase Clock Output
● Thermal Shutdown Function ··································· Tj = 160ºC (Typ.)
● Under Voltage Lockout (UVLO) Function········· ·········· Typ. 3.3 V
● Over Voltage Detection (OVD) Function ···················· FB pin voltage (VFB) + 10% (Typ.)
Detection/Release Hysteresis ································· FB pin voltage (VFB) x 3% (Typ.)
● Under Voltage Detection (UVD) Function··················· FB pin voltage (VFB) - 10% (Typ.)
Detection/Release Hysteresis ································· FB pin voltage (VFB) x 3% (Typ.)
● Over-current Protection·········································· Hiccup-mode / Latch mode
● Selectable Current Limit Threshold··························· 50 mV / 70 mV / 100 mV
● Power Good Output ·············································· NMOS Open-drain Output
● Package····························································· HSOP-18




Similar Part No. - R1272S

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1272S-Y NISSHINBO-R1272S-Y Datasheet
1Mb / 48P
34 V Input Synchronous Step-down DC / DC Controller for Industrial Applications
R1272S001A NISSHINBO-R1272S001A Datasheet
1Mb / 48P
34 V Input Synchronous Step-down DC / DC Controller for Industrial Applications
R1272S002A NISSHINBO-R1272S002A Datasheet
1Mb / 48P
34 V Input Synchronous Step-down DC / DC Controller for Industrial Applications
R1272S003A NISSHINBO-R1272S003A Datasheet
1Mb / 48P
34 V Input Synchronous Step-down DC / DC Controller for Industrial Applications
R1272S011A NISSHINBO-R1272S011A Datasheet
1Mb / 48P
34 V Input Synchronous Step-down DC / DC Controller for Industrial Applications
More results


Similar Description - R1272S

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
Synchronous Step-Down DC / DC Controller ICs
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
Synchronous Step-Down DC-DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
Synchronous Step-Down DC / DC Controller ICs
XC9213 TOREX-XC9213_2 Datasheet
1Mb / 34P
Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
logo
Linear Technology
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1851 AD-ADP1851 Datasheet
1Mb / 24P
Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
4/2019-Rev. A to Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com