Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62P32-Q1 Datasheet (PDF) - Texas Instruments

AM62P32-Q1 Datasheet PDF - Texas Instruments
Part # AM62P32-Q1
Download  AM62P32-Q1 Download
File Size   4326.39 Kbytes
Page   238 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM62Px Sitara™ Processors

AM62P32-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM62P32-Q1 Datasheet PDF - Texas Instruments

Part # AM62P32-Q1
Download  AM62P32-Q1 Click to download

File Size   4326.39 Kbytes
Page   238 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM62Px Sitara™ Processors

AM62P32-Q1 Datasheet (HTML) - Texas Instruments


AM62P32-Q1 Product details

1 Features
Processor Cores:
• Up to Quad 64-bit Arm® Cortex®-A53 microprocessor subsystem at up to 1.4GHz
– Quad-core Cortex-A53 cluster with 512KB L2 shared cache with SECDED ECC
– Each A53 core has 32KB L1 DCache with SECDED ECC and 32KB L1 ICache with Parity protection
• Single-core Arm® Cortex®-R5F at up to 800MHz, integrated as part of MCU Channel with FFI
– 32KB ICache, 32KB L1 DCache, and 64KB TCM with SECDED ECC on all memories
– 512KB SRAM with SECDED ECC
• Single-core Arm® Cortex®-R5F at up to 800MHz, integrated to support Device Management
– 32KB ICache, 32KB L1 DCache, and 64KB TCM with SECDED ECC on all memories
Multimedia:
• Display subsystem
– Triple display support over OLDI (LVDS) (1x OLDI-DL, 1x or 2x OLDI-SL), DSI or DPI
• OLDI-SL (Single Link): up to 1920 x 1080 at 60fps (165MHZ Pixel Clock)
• OLDI-DL (Dual Link): up to 3840 x 1080 at 60fps (150MHz Pixel Clock)
• MIPI® DSI: with 4 Lane MIPI® D-PHY supports up to 3840 x 1080 at 60fps (300MHz Pixel Clock)
• DPI (24-bit RGB parallel interface): up to 1920 x 1080 at 60fps (165MHz pixel clock)
– Four display pipelines with hardware overlay support. A maximum of two display pipelines may be used per display.
– Supports safety features such as freeze frame detection and data correctness check
• 3D Graphics Processing Unit
– IMG BXS-4-64 with 256KB cache
– Up to 50GFLOPS
– Single shader core
– OpenGL ES3.2 and Vulkan 1.2 API support
• One Camera Serial Interface (CSI-2) Receiver with 4 Lane D-PHY
– MIPI® CSI-2 v1.3 Compliant + MIPI D-PHY 1.2
– Support for 1,2,3 or 4 data lane mode up to 2.5Gbps per lane
– ECC verification/correction with CRC check + ECC on RAM
– Virtual Channel support (up to 16)
– Ability to write stream data directly to DDR via DMA
• Video Encoder/Decoder
– Support for HEVC (H.265) Main profiles at Level 5.1 High-tier
– Support for H.264 BaseLine/Main/High Profiles at Level 5.2
– Support for up to 4K UHD resolution (3840 × 2160)
• Up to 300MPixels/s operation, with reduced clocking options available for lower power applications with lower performance needs
Memory Subsystem:
• Up to 1.09MB of On-chip RAM
– 64KB of On-Chip RAM (OCRAM) with SECDED ECC, can be divided into smaller banks in increments of 32KB for as many as 2 separate memory banks
– 256KB of On-Chip RAM with SECDED ECC in SMS Subsystem
– 176KB of On-Chip RAM with SECDED ECC in SMS Subsystem for TI security firmware
– 512KB of On-chip RAM with SECDED ECC in Cortex-R5F MCU Subsystem
– 64KB of On-chip RAM with SECDED ECC in Device Manager Subsystem
• DDR Subsystem (DDRSS)
– Supports LPDDR4 memory type
– 32-bit data bus with inline ECC
– Supports speeds up to 3733MT/s
– Max size of 8GB




Similar Part No. - AM62P32-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM62P32-Q1 TI1-AM62P32-Q1 Datasheet
4Mb / 237P
AM62Px Sitara™ Processors
DECEMBER 2023
AM62P32-Q1 TI2-AM62P32-Q1 Datasheet
4Mb / 238P
AM62Px Sitara™ Processors
REVISED OCTOBER 2025
More results


Similar Description - AM62P32-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
Sitara Processors
AM6442 TI-AM6442_V02 Datasheet
5Mb / 244P
AM64x Sitara™ Processors
REVISED JULY 2022
AM6442 TI-AM6442_V03 Datasheet
6Mb / 260P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
AM625 TI-AM625_V02 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI-AM625_V03 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM62A7 TI-AM62A7 Datasheet
4Mb / 218P
AM62Ax Sitara™ Processors
MARCH 2023
AM625 TI-AM625_V04 Datasheet
4Mb / 256P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI1-AM625_V05 Datasheet
5Mb / 259P
AM62x Sitara™ Processors
REVISED JUNE 2023
AM62A7 TI1-AM62A7_V01 Datasheet
4Mb / 238P
AM62Ax Sitara™ Processors
REVISED AUGUST 2023
AM6442 TI1-AM6442_V04 Datasheet
6Mb / 263P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com