Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS7A15C Datasheet (PDF) - Texas Instruments

TPS7A15C Datasheet PDF - Texas Instruments
Part # TPS7A15C
Download  TPS7A15C Download
File Size   1780.86 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A15C 400mA, Low VIN, Low VOUT, Fast-Settling, Ultra-Low Dropout Regulator

TPS7A15C Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A15C Datasheet PDF - Texas Instruments

Part # TPS7A15C
Download  TPS7A15C Click to download

File Size   1780.86 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A15C 400mA, Low VIN, Low VOUT, Fast-Settling, Ultra-Low Dropout Regulator

TPS7A15C Datasheet (HTML) - Texas Instruments


TPS7A15C Product details

1 Features
• Ultra-low input voltage range: 0.7V to 2.2V
• High efficiency:
– Dropout at 400mA: 80mV (max)
– Specified for VIN = VOUT + 100mV
• Excellent load transient response
• High PSRR: 84dB at 1kHz
• Available in fixed-output voltages:
– 0.5V to 2.0V (in 25mV steps)
• VBIAS range:
– 2.2V to 5.5V
• Package:
– 6-pin, 1mm × 0.71mm DSBGA
• Active output discharge




Similar Part No. - TPS7A15C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A15 TI-TPS7A15 Datasheet
2Mb / 32P
TPS7A15 400-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
JUNE 2022
TPS7A15 TI1-TPS7A15 Datasheet
3Mb / 37P
TPS7A15 400-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
REVISED AUGUST 2023
TPS7A1506PDRVR TI1-TPS7A1506PDRVR Datasheet
3Mb / 37P
TPS7A15 400-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
REVISED AUGUST 2023
TPS7A1508PDRVR TI1-TPS7A1508PDRVR Datasheet
3Mb / 37P
TPS7A15 400-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
REVISED AUGUST 2023
TPS7A1508PYCKR TI-TPS7A1508PYCKR Datasheet
2Mb / 32P
TPS7A15 400-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
JUNE 2022
More results


Similar Description - TPS7A15C

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5325 MICREL-MIC5325_10 Datasheet
375Kb / 11P
Low VIN/VOUT 400mA ULDO with Ultra-Low IQ
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10 TI1-TPS7A10_18 Datasheet
2Mb / 34P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10_1808 TI1-TPS7A10_1808 Datasheet
2Mb / 35P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A11 TI1-TPS7A11 Datasheet
3Mb / 37P
500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10_1810 TI1-TPS7A10_1810 Datasheet
2Mb / 36P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A11 TI1-TPS7A11_18 Datasheet
3Mb / 40P
500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A14 TI-TPS7A14 Datasheet
3Mb / 33P
TPS7A14 1-A, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
DECEMBER 2021
TPS7A14 TI1-TPS7A14_V02 Datasheet
3Mb / 38P
TPS7A14 1-A, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
AUGUST 2023
TPS7A14 TI-TPS7A14_V03 Datasheet
3Mb / 38P
TPS7A14 1-A, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com