Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-20TQ035PBF Datasheet (PDF) - Vishay Siliconix

VS-20TQ035PBF Datasheet PDF - Vishay Siliconix
Part # VS-20TQ035PBF
Download  VS-20TQ035PBF Download
File Size   133.47 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 20 A

VS-20TQ035PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-20TQ035PBF Datasheet PDF - Vishay Siliconix

Part # VS-20TQ035PBF
Download  VS-20TQ035PBF Click to download

File Size   133.47 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 20 A

VS-20TQ035PBF Datasheet (HTML) - Vishay Siliconix


VS-20TQ035PBF Product details

FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy
encapsulation for enhanced mechanical strength
and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21 definition
(-N3 only)
DESCRIPTION
The VS-20TQ... Schottky rectifier series has been optimized
for very low forward voltage drop, with moderate leakage.
The proprietary barrier technology allows for reliable
operation up to 150 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.




Similar Part No. - VS-20TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20TQ035PbF VISHAY-VS-20TQ035PbF Datasheet
163Kb / 8P
Schottky Rectifier
26-Aug-11
VS-20TQ035PbF VISHAY-VS-20TQ035PbF Datasheet
169Kb / 7P
Schottky Rectifier, 20 A
26-Aug-11
VS-20TQ035PBF VISHAY-VS-20TQ035PBF_15 Datasheet
163Kb / 8P
Schottky Rectifier
26-Aug-11
More results


Similar Description - VS-20TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20L15TPBF VISHAY-20L15TPBF Datasheet
113Kb / 6P
Schottky Rectifier, 20 A
14-Aug-08
20L15TS VISHAY-20L15TS Datasheet
111Kb / 6P
Schottky Rectifier, 20 A
22-Aug-08
20TQ VISHAY-20TQ Datasheet
118Kb / 6P
Schottky Rectifier, 20 A
25-Jun-08
20TQS VISHAY-20TQS Datasheet
117Kb / 6P
Schottky Rectifier, 20 A
22-Aug-08
20TQSPBF VISHAY-20TQSPBF Datasheet
120Kb / 6P
Schottky Rectifier, 20 A
14-Aug-08
STPS20L15DPBF VISHAY-STPS20L15DPBF Datasheet
113Kb / 6P
Schottky Rectifier, 20 A
15-Aug-08
20TQ035PBF VISHAY-20TQ035PBF_12 Datasheet
167Kb / 7P
Schottky Rectifier, 20 A
26-Aug-11
20TQ035SPBF VISHAY-20TQ035SPBF_13 Datasheet
157Kb / 8P
Schottky Rectifier, 20 A
12-Mar-10
VS-20L15TPBF VISHAY-VS-20L15TPBF_15 Datasheet
148Kb / 7P
Schottky Rectifier, 20 A
26-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com