Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N6668 Datasheet (PDF) - List of Unclassifed Manufacturers

2N6668 Datasheet PDF - List of Unclassifed Manufacturers
Part # 2N6668
Download  2N6668 Download
File Size   358.08 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Darlington Power Transistor

2N6668 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6668 Datasheet PDF - List of Unclassifed Manufacturers

Part # 2N6668
Download  2N6668 Click to download

File Size   358.08 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Darlington Power Transistor

2N6668 Datasheet (HTML) - List of Unclassifed Manufacturers


2N6668 Product details

[multicomp]



10 Ampere Darlington Power Transistors PNP Silicon 80 Volts 65 Watts



Plastic Medium-Power Silicon Transistors are designed for general-purpose amplifier and low speed switching applications.



Features:

• Collector-Emitter Sustaining Voltage

   VCEO(sus) = 80V (Minimum).

• Collector-Emitter Saturation Voltage

   VCE(sat) = 2.0V (Maximum) at IC = 5.0A.

• DC Current Gain hFE = 3000 (Typical) at IC = 4.0A.



 




Similar Part No. - 2N6668

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6668 MOSPEC-2N6668 Datasheet
151Kb / 3P
POWER TRANSISTORS(65W)
logo
ON Semiconductor
2N6668 ONSEMI-2N6668 Datasheet
168Kb / 6P
DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
STMicroelectronics
2N6668 STMICROELECTRONICS-2N6668 Datasheet
68Kb / 4P
SILICON PNP POWER DARLINGTON TRANSISTOR
Jul-1997
logo
Boca Semiconductor Corp...
2N6668 BOCA-2N6668 Datasheet
157Kb / 3P
PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
Central Semiconductor C...
2N6668 CENTRAL-2N6668 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
More results


Similar Description - 2N6668

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4351 NEC-2SC4351 Datasheet
110Kb / 6P
DARLINGTON POWER TRANSISTOR
logo
List of Unclassifed Man...
2N6388 ETC2-2N6388 Datasheet
207Kb / 6P
Darlington Power Transistor
logo
Guangdong Kexin Industr...
FMMT734 KEXIN-FMMT734 Datasheet
37Kb / 2P
Power Darlington Transistor
FMMT614 KEXIN-FMMT614 Datasheet
36Kb / 2P
Power Darlington Transistor
logo
Diodes Incorporated
FMMT734TA DIODES-FMMT734TA Datasheet
85Kb / 3P
POWER DARLINGTON TRANSISTOR
AUGUST 1997
logo
Renesas Technology Corp
2SA1840 RENESAS-2SA1840 Datasheet
275Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SA1841 RENESAS-2SA1841 Datasheet
362Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SC4810 RENESAS-2SC4810 Datasheet
272Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SD1592 RENESAS-2SD1592 Datasheet
240Kb / 6P
DARLINGTON POWER TRANSISTOR
2002
2SD1843 RENESAS-2SD1843 Datasheet
202Kb / 6P
DARLINGTON POWER TRANSISTOR
2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com