Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIA74H160 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIA74H160 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIA74H160
Download  DIA74H160 Download
File Size   2983.39 Kbytes
Page   29 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 160-mΩ, Quad-Channel, High-Side Switch

DIA74H160 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIA74H160 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIA74H160
Download  DIA74H160 Click to download

File Size   2983.39 Kbytes
Page   29 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 160-mΩ, Quad-Channel, High-Side Switch

DIA74H160 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIA74H160 Product details

 Features
 AEC-Q100 qualified
− Device ambient temperature:
− -40°C ≤ TA ≤ 125°C
− Device junction temperature:
− -40°C ≤ TJ ≤ 150°C
 Quad channel high-side switch with complete
diagnosis and protection
− 160 mΩ RDS(ON) per channel
− Open-drain digital output: A version
− Current sense analog output: B version
 Wide operating voltage range from 3.4 V to 28 V
with 35 V load dump capacity
 Diagnostics:
− Overcurrent detection
− Open load detection
− Short circuit to ground and battery detection
− Global fault with fast interrupt
 Protection:
− Absolute temperature limitation with latch
off option
− Thermal swing protection
− Inductive load negative voltage clamp with
optimized slew rate
− Undervoltage shutdown
− Loss of ground protection
− Loss of battery protection
− High accurate adjustable current limit with
external resistor, ±20% at > 500 mA load
 Applications
 Resistive, inductive and capacitive loads
 Relay, solenoid drivers
 Surround view camera modules
 LED, bulb drivers
 Description
The DIA74H160 is a fully protected, quad-channel,
smart, high-side driver and housed in EP-TSSOP28
and QFN-28 packages. Every channel integrates a
160 mΩ high-voltage NMOS power FET to drive the
automotive grounded loads.
The DIA74H160 offers complete protection functions.
The device enables to adjust internal current limit by
using external resistors, which can limit the inrush or
overload current. With the current limit function, its
internally integrated comprehensive overtemperature
protection scheme can greatly improve the reliability
of the system.
High-accuracy current sense enables to monitor the
current flowing through the switch in real time so as to
provide a more accurate diagnosis without further
external calibration.




Similar Part No. - DIA74H160

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA74H120 DIOO-DIA74H120 Datasheet
2Mb / 27P
120-mΩ, Quad-Channel, High-Side Switch
Jan 2026
DIA74H120AXT28 DIOO-DIA74H120AXT28 Datasheet
2Mb / 27P
120-mΩ, Quad-Channel, High-Side Switch
Jan 2026
DIA74H120BXT28 DIOO-DIA74H120BXT28 Datasheet
2Mb / 27P
120-mΩ, Quad-Channel, High-Side Switch
Jan 2026
More results


Similar Description - DIA74H160

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33874 FREESCALE-33874_08 Datasheet
1Mb / 38P
Quad High Side Switch
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
40-V, 160-m廓 Quad-Channel Smart High-Side Switch
TPS274160 TI1-TPS274160 Datasheet
1Mb / 36P
TPS274160x 40-V, 160-m廓 Quad-Channel Industrial Smart High-Side Switch
logo
NXP Semiconductors
MC33XS2410 NXP-MC33XS2410 Datasheet
1Mb / 80P
Quad 100 mΩ / dual 50 mΩ, 3.0 V to 60 V high-side switch
Rev. 7 - 31 October 2022
logo
Texas Instruments
TPS274C65 TI-TPS274C65 Datasheet
2Mb / 82P
TPS274C65xS 65-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
APRIL 2023
logo
NXP Semiconductors
MC33XS2410 NXP-MC33XS2410_V01 Datasheet
1Mb / 86P
Quad 100 mΩ / dual 50 mΩ, 3.0 V to 60 V high-side switch
Rev. 8 - 7 July 2023
logo
Texas Instruments
TPS7H2140-SEP TI1-TPS7H2140-SEP Datasheet
2Mb / 36P
TPS7H2140-SEP Radiation-Tolerant 32-V, 160-mΩ Quad-Channel eFuse
JULY 2023
TPS274C65CP TI-TPS274C65CP Datasheet
1Mb / 32P
TPS274C65CP 72-mΩ Quad-Channel Smart High-Side Switch With Diagnostics
OCTOBER 2023
TPS274C65 TI-TPS274C65_V01 Datasheet
2Mb / 87P
TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
REVISED OCTOBER 2023
TPS7H2140-SEP TI-TPS7H2140-SEP_V01 Datasheet
2Mb / 37P
TPS7H2140-SEP Radiation-Tolerant 32-V, 160-mΩ Quad-Channel eFuse
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com