Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCDC6C02700ADLRTQ1 Datasheet (PDF) - Texas Instruments

PCDC6C02700ADLRTQ1 Datasheet PDF - Texas Instruments
Part # PCDC6C02700ADLRTQ1
Download  PCDC6C02700ADLRTQ1 Download
File Size   3570.95 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDC6Cx-Q1 Low Power LVCMOS Output BAW Oscillator

PCDC6C02700ADLRTQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCDC6C02700ADLRTQ1 Datasheet PDF - Texas Instruments

Part # PCDC6C02700ADLRTQ1
Download  PCDC6C02700ADLRTQ1 Click to download

File Size   3570.95 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDC6Cx-Q1 Low Power LVCMOS Output BAW Oscillator

PCDC6C02700ADLRTQ1 Datasheet (HTML) - Texas Instruments


PCDC6C02700ADLRTQ1 Product details

1 Features
• AEC Q-100 qualified:
– Device temperature grade 1: –40°C to +125°C
• Functional Safety-Capable:
– Documentation available to aid functional safety system design
• LVCMOS output oscillator supporting frequency range from 250kHz to 200MHz
• Supply voltage supports 1.8V to 3.3V ±10%.
• Very low power consumption: 4.57mA typical and 7.9mA maximum for 25MHz at 1.8V
• Stand by current 1.5μA typical at 1.8V helps for battery powered applications
• Low jitter: < 750fs RMS jitter for Fout ≥ 10MHz
• Smallest industry wettable flank standard package: 1.60mm × 1.20mm (DLY), 2.00mm × 1.60mm (DLR), 2.5mm × 2.00mm (DLF), 3.20mm × 2.5mm (DLN)
– Universal land pattern footprint under Mechanical, Packaging, and Orderable Information
• Integrated LDO for robust supply noise immunity
• Start-up time < 3ms
– Contact TI for different start-up times.
• Orderable options for slow rise and fall time for EMI reduction
• Supported frequencies (MHz):
– 1.2, 2.048, 4, 5.12, 6.78, 8, 8.192, 10, 12, 12.288, 16, 19.2, 20, 24, 24.576, 25, 26, 27, 30, 33.33, 33.333, 38.4, 40, 48, 50, 66.666, 76.8, 100, 125, 156.25, and more
• Contact TI representative for any frequency and samples needed.




Similar Part No. - PCDC6C02700ADLRTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCDC6C02700ADLRTQ1 TI1-PCDC6C02700ADLRTQ1 Datasheet
2Mb / 63P
CDC6Cx-Q1 Low Power LVCMOS Output BAW Oscillator
MARCH 2025
PCDC6C02700ADLRTQ1 TI2-PCDC6C02700ADLRTQ1 Datasheet
3Mb / 55P
CDC6Cx-Q1 Low Power LVCMOS Output BAW Oscillator
REVISED NOVEMBER 2025
PCDC6C02700ADLRTQ1 TI2-PCDC6C02700ADLRTQ1 Datasheet
3Mb / 55P
CDC6Cx-Q1 Low Power LVCMOS Output BAW Oscillator
REVISED NOVEMBER 2025
PCDC6C02700ADLRTQ1.A TI2-PCDC6C02700ADLRTQ1.A Datasheet
3Mb / 55P
CDC6Cx-Q1 Low Power LVCMOS Output BAW Oscillator
REVISED NOVEMBER 2025
PCDC6C02700ADLRTQ1.A TI2-PCDC6C02700ADLRTQ1.A Datasheet
3Mb / 55P
CDC6Cx-Q1 Low Power LVCMOS Output BAW Oscillator
REVISED NOVEMBER 2025
More results


Similar Description - PCDC6C02700ADLRTQ1

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843-75 ICST-ICS843-75 Datasheet
191Kb / 12P
75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
REV. A JANUARY 9, 2006
ICS843I-75 ICST-ICS843I-75 Datasheet
192Kb / 12P
75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
REV. A JANUARY 10, 2006
ICS843-106 ICST-ICS843-106 Datasheet
192Kb / 12P
106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
REV. A JANUARY 10, 2006
logo
Texas Instruments
LMK6C TI-LMK6C_V01 Datasheet
3Mb / 51P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED DECEMBER 2022
LMK6C TI-LMK6C_V02 Datasheet
3Mb / 56P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V04 Datasheet
3Mb / 59P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V05 Datasheet
3Mb / 59P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V06 Datasheet
3Mb / 62P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V07 Datasheet
5Mb / 65P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V09 Datasheet
5Mb / 70P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com