Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S203-D4 Datasheet (PDF) - ABB

S203-D4 Datasheet PDF - ABB
Part # S203-D4
Download  S203-D4 Download
File Size   116.71 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200 - 3P - D - 4 ampere

S203-D4 Datasheet (PDF)

Go To PDF Page Download Datasheet
S203-D4 Datasheet PDF - ABB

Part # S203-D4
Download  S203-D4 Click to download

File Size   116.71 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200 - 3P - D - 4 ampere

S203-D4 Datasheet (HTML) - ABB


S203-D4 Product details

Extended Product Type S203-D4
Product ID 2CDS253001R0041
EAN 4016779530866
Catalog Description Miniature Circuit Breaker - S200 - 3P - D - 4 ampere
Long Description
System pro M compact S200 miniature circuit breakers are current limiting. They have
two different tripping mechanisms, the delayed thermal tripping mechanism for
overload protection and the electromechanic tripping mechanism for short circuit
protection. They are available in different characteristics (B,C,D,K,Z), configurations
(1P,1P+N,2P,3P,3P+N,4P), breaking capacities (up to 6 kA at 230/400 V AC) and rated
currents (up to 63A). All MCBs of the product range S200 comply with IEC/EN 60898-1,
IEC/EN 60947-2, UL1077 (for this code purchased in South America there is no UL
certificate), allowing the use for residential, commercial and industrial applications.
Bottom-fitting auxiliary contact can be mounted on S200 to save 50% space.
General Information




Similar Part No. - S203-D4

ManufacturerPart #DatasheetDescription
logo
ABB
S203-D40 ABB-S203-D40 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 3P - D - 40 A
More results


Similar Description - S203-D4

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU320 SCHNEIDER-QOU320 Datasheet
115Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA
Feb 21, 2020
QOU345 SCHNEIDER-QOU345 Datasheet
117Kb / 2P
QOU Miniature Circuit Breaker, 45A, 3P, 240V, 10kA
Feb 21, 2020
QOU380 SCHNEIDER-QOU380 Datasheet
105Kb / 2P
QOU Miniature Circuit Breaker, 80A, 3P, 240V, 10kA
Feb 21, 2020
QOUQ320 SCHNEIDER-QOUQ320 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 20A, 3P, 240V, 10kA
QOUR330 SCHNEIDER-QOUR330 Datasheet
117Kb / 2P
QOUQ Miniature Circuit Breaker, 30A, 3P, 240V, 10kA
Feb 21, 2020
QOUQ335 SCHNEIDER-QOUQ335 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 35A, 3P, 240V, 10kA
QOUQ345 SCHNEIDER-QOUQ345 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 45A, 3P, 240V, 10kA
QOUQ360 SCHNEIDER-QOUQ360 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 60A, 3P, 240V, 10kA
QOU325VH SCHNEIDER-QOU325VH Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 25A, 3P, 240V, 22kA
Mar 2, 2020
QOU3605250 SCHNEIDER-QOU3605250 Datasheet
143Kb / 2P
QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com