Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MUSES72323V Datasheet (PDF) - Nisshinbo Micro Devices Inc.

MUSES72323V Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # MUSES72323V
Download  MUSES72323V Download
File Size   692.15 Kbytes
Page   21 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description ±18V OPERATION HIGH QUALITY AUDIO VOLUME

MUSES72323V Datasheet (PDF)

Go To PDF Page Download Datasheet
MUSES72323V Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # MUSES72323V
Download  MUSES72323V Click to download

File Size   692.15 Kbytes
Page   21 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description ±18V OPERATION HIGH QUALITY AUDIO VOLUME

MUSES72323V Datasheet (HTML) - Nisshinbo Micro Devices Inc.


MUSES72323V Product details

FEATURES
● Operating Voltage Analog ±10 to ±18V
Digital +3.0 to +5.5V
● 3-Wired Serial Control
● Selectable Chip Address
Available for using four chips on same serial bus line
● Low Output Noise
* It conforms to the characteristics of an external operational amplifier.
● Low Distortion
* It conforms to the characteristics of an external operational amplifier.
● Volume 0 to -111.75dB /0.25dB step
+21 to 0dB /3dB step, Mute
● Soft-Step Circuit
● Zero Cross Detection Circuit
● Package Outline SSOP32




Similar Part No. - MUSES72323V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
MUSES72320 NJRC-MUSES72320 Datasheet
388Kb / 26P
짹18V Operation 2-Channel Electronic Volume
logo
Nisshinbo Micro Devices...
MUSES72320 NISSHINBO-MUSES72320 Datasheet
1Mb / 31P
±18V Operation 2-Channel Electronic Volume
Ver.2.0
More results


Similar Description - MUSES72323V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECF10N25 ETC1-ECF10N25 Datasheet
64Kb / 1P
HIGH QUALITY AUDIO AMPLIFIER APPLICATIONS
PT3602 ETC2-PT3602 Datasheet
216Kb / 1P
2.5V~18V operation
PT3603 ETC2-PT3603 Datasheet
213Kb / 1P
2.5V~18V operation
PT3621 ETC2-PT3621 Datasheet
232Kb / 1P
2.5V~18V operation
PT3905 ETC2-PT3905 Datasheet
328Kb / 1P
3V~18V operation
PT3906 ETC2-PT3906 Datasheet
326Kb / 1P
3V~18V operation
PT3907 ETC2-PT3907 Datasheet
391Kb / 1P
2.7V~18V operation
PT3911 ETC2-PT3911 Datasheet
335Kb / 1P
2.7V~18V operation
logo
Rohm
BD34704KS2 ROHM-BD34704KS2 Datasheet
1Mb / 40P
7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
logo
Hammond Manufacturing L...
560 HAMMOND-560 Datasheet
193Kb / 2P
Audio Broadcast Quality
11/18/23, 7:51 AM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com