Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCANRBD1062 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANRBD1062 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANRBD1062
Download  LCANRBD1062 Download
File Size   314.39 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 915 to 918 MHz Permanent Mount Mini Antenna Solder Post

LCANRBD1062 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANRBD1062 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANRBD1062
Download  LCANRBD1062 Click to download

File Size   314.39 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 915 to 918 MHz Permanent Mount Mini Antenna Solder Post

LCANRBD1062 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANRBD1062 Product details

Features
• 915 MHz to 918 MHz
• -0.5 dBi Gain
• Solder Post connector
• Embedded Through Hole
• VSWR 2:1
• Linear polarization

Applications
• LPWAN
• ISM
• LoRaWAN
• Sigfox
• Weightless-P
• WiFi HaLow
• Fixed and Mobile Devices




Similar Part No. - LCANRBD1062

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANRBD1060 L-COM-LCANRBD1060 Datasheet
326Kb / 3P
2.4 to 7.125 GHz Rubber Duck Antenna 4 dBi RP-SMA Male Tilt Swivel
07/05/2024
LCANRBD1061 L-COM-LCANRBD1061 Datasheet
311Kb / 3P
425 to 440 MHz Rubber Duck Antenna SMA Male Mount
06/20/2024
LCANRBD1063 L-COM-LCANRBD1063 Datasheet
314Kb / 3P
868 to 915 MHz Rubber Duck Antenna SMA Male Tilt Swivel
07/10/2024
LCANRBD1064 L-COM-LCANRBD1064 Datasheet
314Kb / 3P
860 to 875 MHz Permanent Mount Mini Antenna Solder Post
06/12/2024
LCANRBD1065 L-COM-LCANRBD1065 Datasheet
312Kb / 3P
420 to 440 MHz Small Rubber Duck Antenna SMA Male Mount
06/14/2024
More results


Similar Description - LCANRBD1062

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0915AT43A0026 JOHANSON-0915AT43A0026 Datasheet
163Kb / 3P
915 MHz Antenna
0915AT43A0042 JOHANSON-0915AT43A0042 Datasheet
356Kb / 3P
915 MHz Antenna
logo
World Produts Inc.
WPANT10022 WPI-WPANT10022 Datasheet
187Kb / 3P
915 MHz PIFA Antenna
logo
Abracon Corporation
ACAG1204-915-T ABRACON-ACAG1204-915-T Datasheet
5Mb / 4P
915 MHz Ceramic Chip Antenna
06.21.2018
logo
Linx Technologies
ANT-8-SPNF2 LINX-ANT-8-SPNF2 Datasheet
784Kb / 8P
Panel Mount 868/915 MHz LPWA Antenna
2021
ANT-9-HDP-2000-SMA LINX-ANT-9-HDP-2000-SMA Datasheet
980Kb / 8P
Remote Adhesive-Mount 868 MHz/915 MHz Antenna
2021
ANT-8-VDP-2000-SMA LINX-ANT-8-VDP-2000-SMA Datasheet
932Kb / 8P
Remote Adhesive-Mount 868 MHz/915 MHz Antenna
2021
ANT-9-SPNF1 LINX-ANT-9-SPNF1 Datasheet
840Kb / 8P
Panel Mount 868/915 MHz LPWA Antenna
2021
ANT-916-WRT-SMA LINX-ANT-916-WRT-SMA Datasheet
1Mb / 12P
915 MHz External Panel-Mount Antenna
2021
logo
Wurth Elektronik GmbH &...
2600130083 WURTH-2600130083 Datasheet
209Kb / 1P
Antenna 915 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com