Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO7195BWL6 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO7195BWL6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO7195BWL6
Download  DIO7195BWL6 Download
File Size   1172.88 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 5.5 V, Full-Function, 2.5 A DC Load Switch with Adjustable Current L

DIO7195BWL6 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO7195BWL6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO7195BWL6
Download  DIO7195BWL6 Click to download

File Size   1172.88 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 5.5 V, Full-Function, 2.5 A DC Load Switch with Adjustable Current L

DIO7195BWL6 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO7195BWL6 Product details

Features
Input voltage: 1.8 V ~ 5.5 V
Quiescent supply current: Maximum 95 μA
Turn-on controlled
Current limit : Maximum 2.5 A
0.045 A ~ 2.5 A current
P-channel MOSFET current-limited
architecture
Undervoltage lockout
Overvoltage lockout
Low shutdown current
Fast current limit response
Thermal shutdown protection
Reverse current blocking
Package: six ball advanced 0.98 x 1.48 mm
WLCSP-6
Applications
Handheld electronic devices
Portable enterprise / industrial devices
Digital cameras
Peripheral ports and accessories
Medical equipment
Hot swap
Descriptions
The DIO7195B is a load switch that provides full
protection to systems and loads that may
encounter large current conditions.
A P-channel MOSFET current-limit stops the
current when the MOSFET is off and the output
voltage is higher than input. The perfect thermal
shutdown protection shuts off the switch to
prevent damage to the part when a continuous
over-current condition causes excessive heating.
When the switch current reaches the current limit,
the parts operate in a constant-current mode to
prohibit excessive currents from causing
damage.
The DIO7195B does not turn off after a current
limit fault, but remains in the constant-current
mode indefinitely.




Similar Part No. - DIO7195BWL6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO7164 DIOO-DIO7164 Datasheet
307Kb / 8P
5.5V Low Loss Power Distribution Switch
Rev 1.0
DIO7164HAST5 DIOO-DIO7164HAST5 Datasheet
307Kb / 8P
5.5V Low Loss Power Distribution Switch
Rev 1.0
DIO7164HBST5 DIOO-DIO7164HBST5 Datasheet
307Kb / 8P
5.5V Low Loss Power Distribution Switch
Rev 1.0
DIO7164HCST5 DIOO-DIO7164HCST5 Datasheet
307Kb / 8P
5.5V Low Loss Power Distribution Switch
Rev 1.0
DIO7164HDST5 DIOO-DIO7164HDST5 Datasheet
307Kb / 8P
5.5V Low Loss Power Distribution Switch
Rev 1.0
More results


Similar Description - DIO7195BWL6

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
Full Function Load Switch with Adjustable Current Limit
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
Full Function Load Switch with Reverse Current Blocking
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
Full Function Load Switch with Adjustable Current Limit
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
Full-Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
FPF2193 ONSEMI-FPF2193 Datasheet
955Kb / 14P
Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
Texas Instruments
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com