Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG2458-20P Datasheet (PDF) - Infinite Electronics International, Inc.

HG2458-20P Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2458-20P
Download  HG2458-20P Download
File Size   254.62 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4/5.8 GHz 17/20 dBi Flat Panel Antenna

HG2458-20P Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2458-20P Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2458-20P
Download  HG2458-20P Click to download

File Size   254.62 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4/5.8 GHz 17/20 dBi Flat Panel Antenna

HG2458-20P Datasheet (HTML) - Infinite Electronics International, Inc.


HG2458-20P Product details

Applications
 IEEE 802.11a, 802.11b and 802.11g applications
 Multi-band access points, CPE’s and wireless routers
 2.4 GHz ISM and 5.3/5.8 GHz UNII/ISM wireless systems
 Subscriber sites and CPE applications
 2.4 GHz and 5.8 GHz wireless video systems

Features
 Multi-band operation, 2400-2500 GHz / 5150-5875 GHz
 Dual antenna elements coupled to single feed
 Heavy duty all weather radome
 Can be mounted for horizontal or vertical
polarization
 Includes tilt and swivel mast mount




Similar Part No. - HG2458-20P

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2458-2PU-100IPEX L-COM-HG2458-2PU-100IPEX Datasheet
268Kb / 3P
Embedded 2.4/5 GHz PCB Antenna, 2 dBi gain, IPEX Connector
12/18/2019
More results


Similar Description - HG2458-20P

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51048 PASTERNACK-PE51048 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 20 dBi
logo
List of Unclassifed Man...
FGPANEL01 ETC2-FGPANEL01 Datasheet
518Kb / 6P
2.4 GHz panel antenna
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
2.4 GHz panel antenna
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
World Produts Inc.
WPANT30056-RA WPI-WPANT30056-RA Datasheet
76Kb / 2P
5.8 GHz Wi-Fi Directional Panel Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com