Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG2458MGRD Datasheet (PDF) - Infinite Electronics International, Inc.

HG2458MGRD Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2458MGRD
Download  HG2458MGRD Download
File Size   98.69 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink 2.4 GHz to 2.5 GHz / 5.1 GHz to 5.9 GHz Dual Band Desktop Antenna with Magnetic Base

HG2458MGRD Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2458MGRD Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2458MGRD
Download  HG2458MGRD Click to download

File Size   98.69 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink 2.4 GHz to 2.5 GHz / 5.1 GHz to 5.9 GHz Dual Band Desktop Antenna with Magnetic Base

HG2458MGRD Datasheet (HTML) - Infinite Electronics International, Inc.


HG2458MGRD Product details

Applications: y 2.4 GHz - 2.5 GHz / 5.1 GHz - 5.9 GHz
Frequency Range:
◊ IEEE 802.11a, 802.11b, 802.11g and 802.11n
access points and routers
◊ 2.4 GHz ISM applications
◊ 5.3 GHz/5.4GHz/5.8 GHz Applications
◊ 5.8 GHz UNII/ISM Band Applications
◊ WiFi applications
◊ WiMAX applications
◊ 2.4 GHz and 5.8 GHz wireless video systems
◊ Bluetooth® applications
◊ Public wireless hotspots

Features:

y Dual band design
y Ideal for dual band access points and PCI adapters
y Rugged composite radome
y Antenna features tilt and swivel design
y Compact design
y Magnetic base with 5 ft. high performance low-loss
100-series cable
y Available with MC-Card, MMCX, RP-SMA and RP-TNC
connectors
y RoHS Compliant




Similar Part No. - HG2458MGRD

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2458MGRD L-COM-HG2458MGRD Datasheet
98Kb / 2P
HyperLink 2.4 GHz to 2.5 GHz / 5.1 GHz to 5.9 GHz Dual Band Desktop Antenna with Magnetic Base
HG2458MGRD-RSP L-COM-HG2458MGRD-RSP Datasheet
98Kb / 2P
HyperLink 2.4 GHz to 2.5 GHz / 5.1 GHz to 5.9 GHz Dual Band Desktop Antenna with Magnetic Base
More results


Similar Description - HG2458MGRD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2436 TI-TRF2436 Datasheet
224Kb / 11P
High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
logo
Fairchild Semiconductor
FMPA2151 FAIRCHILD-FMPA2151 Datasheet
462Kb / 4P
2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
logo
Silicon Storage Technol...
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
logo
Texas Instruments
TRF2436 TI-TRF2436_07 Datasheet
423Kb / 14P
High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
logo
Micronetics, Inc.
ES0189 MICRONETICS-ES0189 Datasheet
149Kb / 2P
High Power Switch 2.4 GHz to 2.5 GHz
logo
List of Unclassifed Man...
PC11070100A ETC2-PC11070100A Datasheet
259Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
PC11090100A ETC2-PC11090100A Datasheet
277Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
logo
ATMEL Corporation
T7031 ATMEL-T7031 Datasheet
570Kb / 16P
Frequency Range 2.4 GHz to 2.5 GHz
logo
Abracon Corporation
ACAG0301-24505500-T ABRACON-ACAG0301-24505500-T Datasheet
8Mb / 6P
Dual band (2.4 GHz & 5.5 GHz) WiFi/Bluetooth Chip Antenna
06.21.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com