Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS134 Datasheet (PDF) - Bridgelux, Inc.

DS134 Datasheet PDF - Bridgelux, Inc.
Part # DS134
Download  DS134 Download
File Size   1087.84 Kbytes
Page   15 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description EB Series™ Gen 3 High Output

DS134 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS134 Datasheet PDF - Bridgelux, Inc.

Part # DS134
Download  DS134 Click to download

File Size   1087.84 Kbytes
Page   15 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description EB Series™ Gen 3 High Output

DS134 Datasheet (HTML) - Bridgelux, Inc.


DS134 Product details

Lengths: 280mm, 560mm, 1120mm
CRIs: 80, 90
CCTs: 2700K, 3000K, 3500K, 4000K, 5000K, 5700K, 6500K




Similar Part No. - DS134

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS134 LUMILEDS-DS134 Datasheet
2Mb / 20P
Extreme flux density in a micro footprint package for precise optical control
logo
Maxim Integrated Produc...
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340 Datasheet
296Kb / 16P
I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
260Kb / 16P
I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340-3 MAXIM-DS1340-3 Datasheet
235Kb / 14P
I2C RTC with Trickle Charger
Rev 4; 3/06
More results


Similar Description - DS134

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI52146 SILABS-SI52146 Datasheet
184Kb / 20P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
SI53019-A01A SILABS-SI53019-A01A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN 3 BUFFER
logo
PHOENIX CONTACT
3026036 PHOENIX-3026036 Datasheet
69Kb / 2P
EB 3-OTTA 6
logo
Skyworks Solutions Inc.
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
SI53019-A01A SKYWORKS-SI53019-A01A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.6
SI53119-A03A SKYWORKS-SI53119-A03A Datasheet
1Mb / 35P
19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
SI53119 SKYWORKS-SI53119 Datasheet
1Mb / 35P
19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com