Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG72710XP-065 Datasheet (PDF) - Infinite Electronics International, Inc.

HG72710XP-065 Datasheet PDF - Infinite Electronics International, Inc.
Part # HG72710XP-065
Download  HG72710XP-065 Download
File Size   434.63 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 698-2700 MHz 10 dBi 65° Cross-Polarized Sector DAS

HG72710XP-065 Datasheet (PDF)

Go To PDF Page Download Datasheet
HG72710XP-065 Datasheet PDF - Infinite Electronics International, Inc.

Part # HG72710XP-065
Download  HG72710XP-065 Click to download

File Size   434.63 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 698-2700 MHz 10 dBi 65° Cross-Polarized Sector DAS

HG72710XP-065 Datasheet (HTML) - Infinite Electronics International, Inc.


HG72710XP-065 Product details

Applications
 DAS (Distributed Antenna Systems)
 700 MHz and cellular applications
 AWS (Advanced wireless services) and PCS (Personal
communications service) band applications
 IEEE 802.11b/g WiFi applications
 LTE networks

Features
 Frequency coverage for 700 MHz, 850
MHz, AWS and PCS bands
 Dual cross polarized (X-Pol) in one antenna
 All weather operation
 Heavy duty steel mounting bracket with
easy elevation and tilt adjustment
 Dual polarity feed system - (2) N-Female connectors




Similar Part No. - HG72710XP-065

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG72710LP-NF L-COM-HG72710LP-NF Datasheet
341Kb / 2P
HyperLink Wireless 698-960/1710-2700 MHz DAS 11 dBi Log Periodic Antenna
More results


Similar Description - HG72710XP-065

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
DASCOUPXXDBNF PULSE-DASCOUPXXDBNF Datasheet
166Kb / 2P
Directional Coupler, 698-2700 MHz, Low PIM
DASCOUP10DBNF PULSE-DASCOUP10DBNF Datasheet
166Kb / 2P
Directional Coupler 698-2700 MHz, Low PIM
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608070G3T WALSIN-RFDIP1608070G3T Datasheet
624Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
RFDIP1608070GM1T76 WALSIN-RFDIP1608070GM1T76 Datasheet
635Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
logo
TE Connectivity Ltd
2367286-1 TEC-2367286-1 Datasheet
774Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372105-1 TEC-2372105-1 Datasheet
526Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372112-1 TEC-2372112-1 Datasheet
535Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2361492-1 TEC-2361492-1 Datasheet
760Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com