Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

301110008 Datasheet (PDF) - ams-OSRAM AG

301110008 Datasheet PDF - ams-OSRAM AG
Part # 301110008
Download  301110008 Download
File Size   2116.4 Kbytes
Page   109 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Dragster Line scan sensor

301110008 Datasheet (PDF)

Go To PDF Page Download Datasheet
301110008 Datasheet PDF - ams-OSRAM AG

Part # 301110008
Download  301110008 Click to download

File Size   2116.4 Kbytes
Page   109 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Dragster Line scan sensor

301110008 Datasheet (HTML) - ams-OSRAM AG


301110008 Product details

General description
Dragster is a platform of digital line-scan sensors. The sensor family is made using three types of basic elements: A single line element from 2K to 8K pixel resolution (7 μm pixel size and pitch), a dual line element from 2K to 8K pixel resolution (7 μm pixel size and pitch) and a single line element from 4K to 16K pixel resolution (3.5 μm (H) x 3.5 μm (V) pixel size). The chip versions with dual line are optionally available with Bayer Pattern RGB filters placed on the sensors.
The sensor features a low noise pixel with true CDS and global shutter for interleaved readout and integration operation. Each pixel has an on pixel 13-bit ADC and its gain can be programmed in a range of -6 dB till +20 dB by means of an 8-bit DAC controlled over the serial configuration interface.
The readout is made by two 13-bit wide digital taps organized in odd/even order for each 2K segment. For each line segment, 2K (7 μm pixel) or 4K (3.5 μm pixel), all pixels are read out. For sensor versions with 3.5 μm pixel pitch, two 2K segment readout circuits are placed on each side of the pixel line, to lead to a basic segment of 4K pixels, where even pixels are read out over the bottom readout and odd pixels are read out over the top readout.
Start and end of integration, as well as optional start of readout, are started upon individual external trigger events.
To enhance dynamic range multiple non-destructive readouts are possible.
Features
High resolution, complete family 2K to 16K versions
Line rates up to 80 kHz for all resolutions
Completely digital sensor
High mechanical stability and planarity of the die. Re-use of the same camera interface across different Dragster variants
Applications
•
Automated Optical Inspection (AOI) in (SMD, PCB, flat panel, web)
•
Industrial sorting (e.g. food)




Similar Part No. - 301110008

ManufacturerPart #DatasheetDescription
logo
ITT Industries
301110000 ITT-301110000 Datasheet
671Kb / 8P
Thumbwheel Switches
301110001 ITT-301110001 Datasheet
671Kb / 8P
Thumbwheel Switches
301110002 ITT-301110002 Datasheet
671Kb / 8P
Thumbwheel Switches
301110003 ITT-301110003 Datasheet
671Kb / 8P
Thumbwheel Switches
More results


Similar Description - 301110008

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LC1917 PERKINELMER-LC1917 Datasheet
647Kb / 6P
Low-Profile Analog Line Scan Camera
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
High Performance, Low-Cost Analog Line Scan Camera
logo
Sony Corporation
CXD2408R SONY-CXD2408R Datasheet
487Kb / 30P
Timing Generator for Progressive Scan CCD Image Sensor
CXD2434ATQ SONY-CXD2434ATQ Datasheet
521Kb / 26P
Timing Generator for Progressive Scan CCD Image Sensor
CXD2437TQ SONY-CXD2437TQ Datasheet
590Kb / 33P
Timing Generator for Progressive Scan CCD Image Sensor
CXD2457R SONY-CXD2457R Datasheet
380Kb / 37P
Timing Generator for Progressive Scan CCD Image Sensor
CXD2460R SONY-CXD2460R Datasheet
341Kb / 36P
Timing Generator for Progressive Scan CCD Image Sensor
CXD3611R SONY-CXD3611R Datasheet
429Kb / 49P
Timing Generator for Progressive Scan CCD Image Sensor
CXD2408AR SONY-CXD2408AR Datasheet
320Kb / 30P
Timing Generator for Progressive Scan CCD Image Sensor
logo
ams AG
4LS AMSCO-4LS Datasheet
3Mb / 115P
4LS15K, 4LS10K and 4LS5K Line Scan Sensors
v3-01 2022-Nov-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com