Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMCS1170A8F Datasheet (PDF) - Texas Instruments

TMCS1170A8F Datasheet PDF - Texas Instruments
Part # TMCS1170A8F
Download  TMCS1170A8F Download
File Size   5708.42 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMCS1170 285kHz Hall-Effect Current Sensor With Overcurrent Protection in a Small QFN Package

TMCS1170A8F Datasheet (PDF)

Go To PDF Page Download Datasheet
TMCS1170A8F Datasheet PDF - Texas Instruments

Part # TMCS1170A8F
Download  TMCS1170A8F Click to download

File Size   5708.42 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMCS1170 285kHz Hall-Effect Current Sensor With Overcurrent Protection in a Small QFN Package

TMCS1170A8F Datasheet (HTML) - Texas Instruments


TMCS1170A8F Product details

1 Features
• Small 3mm x 3mm low profile QFN package
• High continuous current capability: 60Agys
– Low loss 0.6mQ conductor
• %100V Functional isolation
• Current sense accuracy
– Sensitivity error: +1%, typical
– Sensitivity error: £2.85% , Tp = 25°C to 125°C
– Offset error: 215mV, Ta = 25°C to 125°C
– Offset lifetime drift: £20mV
• High immunity to external magnetic fields
• Built- In Overcurrent Detection
– Signal bandwidth: 285kHz
– Output propagation delay: 300ns
– Overcurrent detection response: 1.3us
• Operating supply range: 3V 10 5.5V
• Bidirectional and unidirectional current sensing
• Multiple sensitivity options:
– Ranging from 26.4mV/A to 200mV/A




Similar Part No. - TMCS1170A8F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMCS1100 TI1-TMCS1100 Datasheet
1,005Kb / 35P
TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1100 TI1-TMCS1100 Datasheet
1Mb / 50P
TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100 TI-TMCS1100 Datasheet
2Mb / 48P
TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100A1 TI1-TMCS1100A1 Datasheet
1,005Kb / 35P
TMCS1100 High-Precision, Isolated Current Sensor With External Reference
More results


Similar Description - TMCS1170A8F

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS711 ALLEGRO-ACS711 Datasheet
542Kb / 18P
Hall Effect Linear Current Sensor with Overcurrent Fault Output for <100 V Isolation Applications
ACS711 ALLEGRO-ACS711_16 Datasheet
985Kb / 16P
Hall Effect Linear Current Sensor with Overcurrent Fault Output for <100 V Isolation Applications
logo
Micronas
HAL1821UA-A MICRONAS-HAL1821UA-A Datasheet
263Kb / 14P
Linear Hall-Effect Sensor Family in SOT89B Package
HAL1821_1312 MICRONAS-HAL1821_1312 Datasheet
358Kb / 18P
Linear Hall-Effect Sensor Family in TO92UA Package
HAL1860 MICRONAS-HAL1860 Datasheet
354Kb / 30P
Programmable Linear Hall-Effect Sensor in TO92 Package
logo
Melexis Microelectronic...
MLX91209 MELEXIS-MLX91209_18 Datasheet
1Mb / 15P
Hall Current Sensor IC in VA package
logo
Allegro MicroSystems
ACS711XEX-J ALLEGRO-ACS711XEX-J Datasheet
875Kb / 14P
Hall-Effect Linear Current Sensor with Overcurrent Fault Output for <100 V Isolation Applications
logo
Texas Instruments
TMAG5253 TI-TMAG5253 Datasheet
2Mb / 38P
TMAG5253 Low-Power Linear Hall Effect Sensor With EN Pin in Ultra-Small Package
MAY 2023
TMAG5253 TI1-TMAG5253_V01 Datasheet
1Mb / 36P
TMAG5253 Low-Power Linear Hall Effect Sensor With EN Pin in Ultra-Small Package
REVISED SEPTEMBER 2023
TMAG5253 TI1-TMAG5253_V02 Datasheet
1Mb / 36P
TMAG5253 Low-Power Linear Hall Effect Sensor With EN Pin in Ultra-Small Package
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com