Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD250MTC5 LAB Datasheet (PDF) - Wavelength Electronics, Inc.

LD250MTC5 LAB Datasheet PDF - Wavelength Electronics, Inc.
Part # LD250MTC5 LAB
Download  LD250MTC5 LAB Download
File Size   6298.68 Kbytes
Page   31 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Laser Diode Driver & Temperature Controllerwith IntelliTune®

LD250MTC5 LAB Datasheet (PDF)

Go To PDF Page Download Datasheet
LD250MTC5 LAB Datasheet PDF - Wavelength Electronics, Inc.

Part # LD250MTC5 LAB
Download  LD250MTC5 LAB Click to download

File Size   6298.68 Kbytes
Page   31 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Laser Diode Driver & Temperature Controllerwith IntelliTune®

LD250MTC5 LAB Datasheet (HTML) - Wavelength Electronics, Inc.


LD250MTC5 LAB Product details

FEATURES
• Low-noise laser current, as low as 3μA, 7 μA, or 16 μA
(100 kHz RMS)
• Temperature stability better than 0.0009ºC with thermistor
• Safety features protect your research
» Adjustable current limits, with Brick-Wall Never-Exceed
circuitry
» Load failure protection
» Temperature limits on the load
» Current/voltage limits for both TEC and laser
» Automatic laser shutdown upon TEC error available
• Constant Current (Laser) or Constant Power (Photodiode
Current) modes
» Three photodiode ranges available: 0.5, 5, or 10 mA
» Available photodiode bias voltage
» Operates all laser diode/photodiode configurations
• Compatible with a variety of temperature sensors
» Thermistors and two-wire RTDs
» Linear voltage and current sensors
• Continuous Wave (CW) or Quasi-Continuous Wave (QCW)
Operation
• Also capable of driving LEDs
• Modulation bandwidth 450kHz with external BNC input
• Laser Diode voltage/current measurements
• TEC voltage/current measurements
• IntelliTune sets ideal PID control parameters for optimal time to
temperature or fast disturbance rejection
• Complete TMC command set for remote control from computer
• LabVIEW® Virtual Instrument, USB interface
• Field upgradeable firmware
• Touchscreen with intuitive user interface
• Data collection using a computer
• Sophisticated error handling
• Save and recall functions for specific set ups
• Feature-rich for research projects
LabVIEW is a trademark of National Instruments.

LabVIEW
APPLICATIONS
The ultra-stable temperature controller/laser driver instruments
are particularly reliable for diverse fields such as medical,
defense, communications and manufacturing. Applications
include particle and droplet measurement, communications,
manufacturing test, and medical systems. Additionally, our
products are designed for use with electro-optical systems,
airborne instrumentation, spectroscopic monitors, and
medical diagnostic equipment.
GENERAL
• Observe all Cautions and Warnings both in the User Guide and
on the instrument.
• This instrument is designed to be safe to at least the following
conditions: indoor use, 6500 ft (2000 m), 80% maximum
relative humidity for temperatures up to 31ºC and decreasing
linearly to 50% relative humidity at 50ºC, transient overvoltages
to Overvoltage Category 2, and environmental conditions to
Pollution Degree 2.
• Use the LDTC LAB instrument as specified in this guide. If not,
the protection provided by this instrument may be impaired and
the warranty will be voided.
• The LDTC LAB instrument is intended to be used to control
thermoelectrics, resistive heaters, laser diodes and other similar
equipment. Please contact Wavelength Electronics for other
possible applications.
• The LDTC LAB instrument must not be operated in explosion
endangered environments.
• The equipment is not protected against liquid spills. Do not
install where chemicals are used or where liquids could be
spilled into the unit.
• The safety of any system that incorporates the use of the LDTC
LAB series instrument is the sole responsibility of the system
assembler. This includes assembly, mounting, location, special
ambient or application conditions, and connections within the
system.
• Operating outside of the conditions specified in the User Guide
are not recommended for safety reasons.
• Proper setup in the end user’s environment includes:
» Adequately sized thermoelectric and heatsink to properly
manage the heat dissipated by the load.
» Securely mounted temperature sensor for accurate
temperature control.
» Correct connection of the thermoelectric and laser.
» Use of the ACTIVE LOCK connection to protect the load.




Similar Part No. - LD250MTC5 LAB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
LD2500 WTE-LD2500 Datasheet
24Kb / 2P
25A 10mm LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500 Datasheet
29Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500 Datasheet
32Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
LD2500G WTE-LD2500G Datasheet
40Kb / 2P
25A GLASS PASSIVATED LUCAS TYPE PRESS-FIT DIODE
October, 2018
LD2500 WTE-LD2500_06 Datasheet
29Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
More results


Similar Description - LD250MTC5 LAB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
Laser-diode driver / controller
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
LASER-DIODE DRIVER/CONTROLLER
M66516FP MITSUBISHI-M66516FP Datasheet
228Kb / 10P
LASER-DIODE DRIVER/CONTROLLER
logo
Xicor Inc.
X9530 XICOR-X9530 Datasheet
479Kb / 30P
Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
Temperature Compensated Laser Diode Controller
March 10, 2005
logo
Micrel Semiconductor
SY88905 MICREL-SY88905_05 Datasheet
82Kb / 10P
LASER DIODE CONTROLLER WITH APC
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
Temperature Compensated Laser Diode Controller
November 11, 2005
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
Laser Diode Driver/Controller
M66515FP RENESAS-M66515FP Datasheet
173Kb / 12P
Laser Diode Driver/Controller
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
Temperature Compensated Laser Diode Controller
November 11, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com