Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-CAMLBA-EM Datasheet (PDF) - ams-OSRAM AG

GW-CAMLBA-EM Datasheet PDF - ams-OSRAM AG
Part # GW-CAMLBA-EM
Download  GW-CAMLBA-EM Download
File Size   1745.15 Kbytes
Page   19 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SOLERIQ™ S 12

GW-CAMLBA-EM Datasheet (PDF)

Go To PDF Page Download Datasheet
GW-CAMLBA-EM Datasheet PDF - ams-OSRAM AG

Part # GW-CAMLBA-EM
Download  GW-CAMLBA-EM Click to download

File Size   1745.15 Kbytes
Page   19 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SOLERIQ™ S 12

GW-CAMLBA-EM Datasheet (HTML) - ams-OSRAM AG


GW-CAMLBA-EM Product details

Applications
- Indoor lighting
Features
- Package: Chip-on-Board
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 3000K - 5000K
- CRI: 80 (min.)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux: typ. 3260 lm @ 3000 K, 25 °C
- Luminous efficacy: typ. 124 lm/W @ 3000 K, 25 °C





Similar Part No. - GW-CAMLBA-EM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-CAFGL1-HM AMSOSRAM-GW-CAFGL1-HM Datasheet
1Mb / 19P
SOLERIQ™ S 9
Version 1.4 2026-05-05
GW-CAGJL1-HM AMSOSRAM-GW-CAGJL1-HM Datasheet
1Mb / 19P
SOLERIQ™ S 15
Version 1.3 2026-04-23
More results


Similar Description - GW-CAMLBA-EM

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI5124 NI-NI5124 Datasheet
189Kb / 3P
150MHz,200MS/s,12-BitDigitizersa
logo
OSRAM GmbH
GWKAJRB2.EM OSRAM-GWKAJRB2.EM Datasheet
1Mb / 17P
SOLERIQ E 30
GWKALRB3.EM OSRAM-GWKALRB3.EM Datasheet
1Mb / 17P
SOLERIQ E 45
GWKAGHB1.CM OSRAM-GWKAGHB1.CM Datasheet
712Kb / 18P
SOLERIQ S13
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
SOLERIQ L 38
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
SOLERIQ L 38
logo
Integrated Device Techn...
HXR6212 IDT-HXR6212 Datasheet
178Kb / 2P
12 Channel 28Gb/s Receiver
logo
STMicroelectronics
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T1235T-8I STMICROELECTRONICS-T1235T-8I Datasheet
415Kb / 9P
12 A Snubberless™ Triac
December 2017
T1235T-8R STMICROELECTRONICS-T1235T-8R Datasheet
417Kb / 9P
12 A Snubberless™ Triac
November 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com