Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF15751 Datasheet (PDF) - Infinite Electronics International, Inc.

SF15751 Datasheet PDF - Infinite Electronics International, Inc.
Part # SF15751
Download  SF15751 Download
File Size   589.64 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Bandpass Cavity Filter Operating From 1.565 GHz to 1.585 GHz With SMA Female Connectors

SF15751 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF15751 Datasheet PDF - Infinite Electronics International, Inc.

Part # SF15751
Download  SF15751 Click to download

File Size   589.64 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Bandpass Cavity Filter Operating From 1.565 GHz to 1.585 GHz With SMA Female Connectors

SF15751 Datasheet (HTML) - Infinite Electronics International, Inc.


SF15751 Product details

Features
• Pass band of 20 MHz
• 1.565 to 1.585 GHz
• Three section
• Combline filter design
• 55 dB minimum rejection at
• 1.45 GHz and 1.7 GHz (about
• 115 MHz from band edge)
• Typical insertion loss of 1.5 dB
• Female SMA connectors
• Applications:
• GPS
• SF15751
• DATA SHEET




Similar Part No. - SF15751

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF1575BA02505S ICST-SF1575BA02505S Datasheet
81Kb / 3P
1575 MHz SAW Filter 2.4 MHz Bandwidth
Rev X2
logo
Spectrum Microwave, Inc...
SF1575BA02505S SPECTRUM-SF1575BA02505S Datasheet
87Kb / 3P
1575 MHz SAW Filter 2.4 MHz Bandwidth
logo
API Technologies Corp
SF1575BA02505S APITECH-SF1575BA02505S Datasheet
87Kb / 3P
1575 MHz SAW Filter 2.4 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1575BA02506S SPECTRUM-SF1575BA02506S Datasheet
149Kb / 3P
1575.42 MHz SAW Filter 55 MHz Bandwidth
logo
API Technologies Corp
SF1575BA02506S APITECH-SF1575BA02506S Datasheet
149Kb / 3P
1575.42 MHz SAW Filter 55 MHz Bandwidth
More results


Similar Description - SF15751

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8739 PASTERNACK-PE8739 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 4.4 GHz to 4.95 GHz With a 550 MHz Passband
PE8740 PASTERNACK-PE8740 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 5.25 GHz to 5.85 GHz With a 600 MHz Passband
PE8741 PASTERNACK-PE8741 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.25 GHz to 7.75 GHz With a 500 MHz Passband
PE8742 PASTERNACK-PE8742 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.9 GHz to 8.4 GHz With a 500 MHz Passband
PE8743 PASTERNACK-PE8743 Datasheet
316Kb / 2P
9 Section Bandpass Filter With SMA Female Connectors Operating From 17.7 GHz to 21.2 GHz With a 3.5 GHz Passband
PE8744 PASTERNACK-PE8744 Datasheet
342Kb / 3P
9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
PE87FL1012 PASTERNACK-PE87FL1012 Datasheet
516Kb / 4P
11 Section Bandpass Filter With SMA Female Connectors Operating From 1 GHz to 2 GHz With a 1,000 MHz Passband
PE87FL1013 PASTERNACK-PE87FL1013 Datasheet
524Kb / 5P
11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz With a 2 GHz Passband
PE8714 PASTERNACK-PE8714 Datasheet
346Kb / 3P
4 Section Bandpass Filter With SMA Female Connectors Operating From 4.9 GHz to 5.9 GHz With a 1,000 MHz Passband
PE8747 PASTERNACK-PE8747 Datasheet
352Kb / 3P
9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com