Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPP2K06K0100-2 Datasheet (PDF) - Infinite Electronics International, Inc.

MPP2K06K0100-2 Datasheet PDF - Infinite Electronics International, Inc.
Part # MPP2K06K0100-2
Download  MPP2K06K0100-2 Download
File Size   639.21 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2 Way High Power Broadband Combiner SMA Connectors From 2 GHz to 6 GHz Rated at 100 Watts

MPP2K06K0100-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPP2K06K0100-2 Datasheet PDF - Infinite Electronics International, Inc.

Part # MPP2K06K0100-2
Download  MPP2K06K0100-2 Click to download

File Size   639.21 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2 Way High Power Broadband Combiner SMA Connectors From 2 GHz to 6 GHz Rated at 100 Watts

MPP2K06K0100-2 Datasheet (HTML) - Infinite Electronics International, Inc.


MPP2K06K0100-2 Product details

Features
• 2000 to 6000 MHz Frequency
• 100 watt max power
• Insertion Loss: < 0.35 dB
• Phase Balance: ±5 degrees
• Amplitude Balance: ±0.25 dB
• Isolation: >12 dB
• High Power Handling Capability
• Applications:
• Communications Systems
• Power Combining
• PCS,GSM,LTE, Cellular
• UMTS
• Amplifier Systems
• Amplifier Power Combining
• Wireless Infrastructures
• Defence Applications
• MPP2K06K0100-2
• DATA SHEET




Similar Part No. - MPP2K06K0100-2

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MPP2K06K0400-4 FAIRVIEW-MPP2K06K0400-4 Datasheet
706Kb / 6P
4 Way Broadband Combiner N Interface from 2 GHz to 6 GHz
REV 1.2
More results


Similar Description - MPP2K06K0100-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2077 PASTERNACK-PE2077 Datasheet
251Kb / 3P
50 Ohm 2 Way 2.92mm Power Divider From 10 GHz to 40 GHz Rated at 12 Watts
PE2080 PASTERNACK-PE2080 Datasheet
234Kb / 2P
50 Ohm 2 Way SMA Power Divider From 4 GHz to 8 GHz Rated at 10 Watts
PE2081 PASTERNACK-PE2081 Datasheet
236Kb / 2P
50 Ohm 2 Way SMA Power Divider From 7 GHz to 12.4 GHz Rated at 10 Watts
PE2082 PASTERNACK-PE2082 Datasheet
203Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 6 GHz Rated at 2 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
PE2096 PASTERNACK-PE2096 Datasheet
334Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2CP1018 PASTERNACK-PE2CP1018 Datasheet
354Kb / 3P
Dual Directional 20 dB SMA Coupler From 2 GHz to 6 GHz Rated To 100 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com