Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL0709-18-76 Datasheet (PDF) - Kingbright Corporation

BL0709-18-76 Datasheet PDF - Kingbright Corporation
Part # BL0709-18-76
Download  BL0709-18-76 Download
File Size   55.83 Kbytes
Page   2 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 28mmX28mm LED CLUSTER

BL0709-18-76 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL0709-18-76 Datasheet PDF - Kingbright Corporation

Part # BL0709-18-76
Download  BL0709-18-76 Click to download

File Size   55.83 Kbytes
Page   2 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 28mmX28mm LED CLUSTER

BL0709-18-76 Datasheet (HTML) - Kingbright Corporation


BL0709-18-76 Product details

Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
The Blue source color devices are made with GaN on SiC Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs.
All devices, equipment and machinery must be electrically grounded.
The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.

Features
● HIGH VISIBILITY.
● WATER PROOF PACKAGE WITH HOOD SUITABLE FOR OUTDOOR AND INDOOR INFORMATION BOARDS.
● CAN PRODUCE ANY COLOR IN VISIBLE SPECTRUM, INCLUDING WHITE LIGHT.
● RoHS COMPLIANT.




Similar Part No. - BL0709-18-76

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
BL07 BRADY-BL07 Datasheet
373Kb / 3P
Three-Phase
11/20/2012
More results


Similar Description - BL0709-18-76

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
K4MD2BBA12SGW85 SUNLED-K4MD2BBA12SGW85 Datasheet
148Kb / 3P
28mmX28mm LED CLUSTER
K4MDW62 SUNLED-K4MDW62 Datasheet
139Kb / 3P
18.4mm LED CLUSTER
K4MR2BBA12MGW88 SUNLED-K4MR2BBA12MGW88 Datasheet
153Kb / 3P
28mmX28mm LED CLUSTER
K4SGW63 SUNLED-K4SGW63 Datasheet
138Kb / 3P
18.4mm LED CLUSTER
K6MR8MGW10 SUNLED-K6MR8MGW10 Datasheet
152Kb / 3P
26mm LED CLUSTER
K50MRW6 SUNLED-K50MRW6 Datasheet
153Kb / 3P
52mm LED CLUSTER
logo
BetLux Electronics
BL-CR19AR3G4 BETLUX-BL-CR19AR3G4 Datasheet
71Kb / 3P
LED LAMP CLUSTER
REV NO: V.2
BL-CS15AR1G3 BETLUX-BL-CS15AR1G3 Datasheet
73Kb / 3P
LED LAMP CLUSTER
REV NO: V.2
BL-CS28AR3G5B1 BETLUX-BL-CS28AR3G5B1 Datasheet
73Kb / 3P
LED LAMP CLUSTER
REV NO: V.2
BL-CS39AR2G1B1 BETLUX-BL-CS39AR2G1B1 Datasheet
79Kb / 3P
LED LAMP CLUSTER
REV NO: V.2
More results




About Kingbright Corporation


Kingbright Corporation is a technology company that specializes in the design, manufacture, and sale of LED components and LED-based lighting products. The company was founded in 1980 and is headquartered in Taipei, Taiwan. Kingbright has a global presence, with operations and customers in over 60 countries around the world.

Kingbright provides a wide range of LED components and lighting products, including surface-mount and through-hole LEDs, LED displays, LED lighting modules, and LED lighting fixtures. The company's products are used in a variety of applications, including automotive, consumer electronics, industrial, and lighting.

Kingbright is known for its expertise in LED technology and its ability to provide high-quality and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the LED market. Kingbright is a recognized leader in the LED market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com