Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N6461 Datasheet (PDF) - Microchip Technology

1N6461 Datasheet PDF - Microchip Technology
Part # 1N6461
Download  1N6461 Download
File Size   417.69 Kbytes
Page   11 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors

1N6461 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6461 Datasheet PDF - Microchip Technology

Part # 1N6461
Download  1N6461 Click to download

File Size   417.69 Kbytes
Page   11 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors

1N6461 Datasheet (HTML) - Microchip Technology


1N6461 Product details

Features
• Popular JEDEC registered 1N6461 through 1N6468 series
• Available as 500 W peak pulse power (PPP)
• Working peak “standoff” voltage (VWM) from 5.0 V to 51.6 V
• High surge current and peak pulse power provides transient
voltage protection for sensitive circuits.
• Double-layer passivation
• Internal “Category 1” metallurgical bonds
• Voidless hermetically sealed glass package
• JAN, JANTX, and JANTXV qualifications available per MILPRF-
19500/551. Other screening in reference to MIL-PRF-19500
is also available. (See Part Nomenclature for all available
options).
• RoHS compliant versions available (commercial grade only)
Applications
• Military and other high-reliability transient protection
• Extremely robust construction
• ESD and EFT protection per IEC61000-4-2 and IEC61000-4-4
respectively
• Protection from secondary effects of lightning per select levels in
IEC61000-4-5
• Flexible axial-leaded mounting terminals
• Nonsensitive to ESD per MIL-STD-750 method 1020
• Inherently radiation hard as described in MicroNote 050




Similar Part No. - 1N6461

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6461 SEMTECH-1N6461 Datasheet
24Kb / 2P
QPL 500 Watt Axial Leaded TVS
logo
Microsemi Corporation
1N6461 MICROSEMI-1N6461 Datasheet
63Kb / 2P
TRANSIENT SUPPRESSORS
1N6461 MICROSEMI-1N6461 Datasheet
74Kb / 2P
TRANSEINT SUPPRESSOR
1N6461 MICROSEMI-1N6461 Datasheet
68Kb / 2P
HIGH SUGRE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS.
1N6461 MICROSEMI-1N6461 Datasheet
223Kb / 3P
Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
More results


Similar Description - 1N6461

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6469 MICROSEMI-1N6469 Datasheet
331Kb / 3P
Voidless-Hermetically-Sealed Unidirectiona Transient Suppressors
1N6461 MICROSEMI-1N6461_08 Datasheet
223Kb / 3P
Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
1N6469US MICROSEMI-1N6469US_07 Datasheet
185Kb / 3P
Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient Suppressors
JANTX1N6461US MICROSEMI-JANTX1N6461US Datasheet
508Kb / 6P
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JAN1N6467 MICROSEMI-JAN1N6467 Datasheet
223Kb / 3P
Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
JANTX1N6467US MICROSEMI-JANTX1N6467US Datasheet
508Kb / 6P
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
JANTX1N6464 MICROSEMI-JANTX1N6464 Datasheet
529Kb / 6P
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
1N6138A MICROSEMI-1N6138A Datasheet
509Kb / 7P
Voidless Hermetically Sealed Bidirectional Transient Voltage Suppressors
1N8149 MICROSEMI-1N8149 Datasheet
420Kb / 6P
Voidless-Hermetically-Sealed Unidirectional 150 W Low-Capacitance Transient Voltage Suppressors
Rev x
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com