Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8T73S208B-01 Datasheet (PDF) - Renesas Technology Corp

8T73S208B-01 Datasheet PDF - Renesas Technology Corp
Part # 8T73S208B-01
Download  8T73S208B-01 Download
File Size   560.59 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer

8T73S208B-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T73S208B-01 Datasheet PDF - Renesas Technology Corp

Part # 8T73S208B-01
Download  8T73S208B-01 Click to download

File Size   560.59 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer

8T73S208B-01 Datasheet (HTML) - Renesas Technology Corp


8T73S208B-01 Product details

• One differential input reference clock
• Differential pair can accept the following differential input
levels: LVDS, LVPECL, CML
• Integrated input termination resistors
• Eight LVPECL outputs
• Selectable clock frequency division of ÷1, ÷2, ÷4 and ÷8
• Maximum input clock frequency: 1GHz
• LVCMOS interface levels for the control inputs
• Individual output enable/disabled by I2C interface
• Power-up state: all outputs disabled
• Output skew: 60ps (maximum)
• Output rise/fall times: 350ps (maximum)
• Low additive phase jitter, RMS: 182fs (typical)
• Full 2.5V and 3.3V supply voltages
• Lead-free (RoHS 6) 32-VFQFPN packaging
• -40°C to 85°C ambient operating temperature




Similar Part No. - 8T73S208B-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
logo
Integrated Device Techn...
8T73S208B-01NLGI IDT-8T73S208B-01NLGI Datasheet
508Kb / 22P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
8T73S208B-01NLGI8 IDT-8T73S208B-01NLGI8 Datasheet
508Kb / 22P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Similar Description - 8T73S208B-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
153Kb / 10P
2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
logo
Analog Devices
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com