Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TF-4130 Datasheet (PDF) - TOKYO KEISO CO.,LTD.

TF-4130 Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # TF-4130
Download  TF-4130 Download
File Size   103.1 Kbytes
Page   2 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description THERMAL MASS FLOWMETER

TF-4130 Datasheet (PDF)

Go To PDF Page Download Datasheet
TF-4130 Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # TF-4130
Download  TF-4130 Click to download

File Size   103.1 Kbytes
Page   2 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description THERMAL MASS FLOWMETER

TF-4130 Datasheet (HTML) - TOKYO KEISO CO.,LTD.


TF-4130 Product details

FEATURES
❏ Indicator: Digital indication.
❏ CE Marked
❏ Includes digital and analog interfaces.
❏ Quick response by highly reliable and compact Pt. temperature
sensor.
❏ Low cost secured by the stainless steel precision casting of the
fl ow path
❏ Various functions (such as alarm and generation of totalized
pulse) are built in.
❏ Wide fl ow range enough to cover minimum 0 to 2L/min (nor) and
maximum 0 to 1000Lmin (nor).




Similar Part No. - TF-4130

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TF-003801-S90 TRANSKO-TF-003801-S90 Datasheet
659Kb / 4P
38.00 MHz IF SAW Filter / 2.45 MHz Bandwidth
Revision 0: Jul. 2015
TF-004201-SC0 TRANSKO-TF-004201-SC0 Datasheet
642Kb / 4P
42.50 MHz IF SAW Filter / 4.86 MHz Bandwidth
Revision 0: 29 Nov. 2012
TF-004202-D70 TRANSKO-TF-004202-D70 Datasheet
624Kb / 4P
42.50 MHz IF SAW Filter / 4.86 MHz Bandwidth
Revision 0: 29 Nov. 2012
TF-004501-SC0 TRANSKO-TF-004501-SC0 Datasheet
642Kb / 4P
45.00 MHz IF SAW Filter / 9.38 MHz Bandwidth
Revision 0: 29 Nov. 2012
TF-004502-SC0 TRANSKO-TF-004502-SC0 Datasheet
641Kb / 4P
45.00 MHz IF SAW Filter / 9.31 MHz Bandwidth
Revision 0: 21 Jan. 2013
More results


Similar Description - TF-4130

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TA2-A000-030 MAGNETROL-TA2-A000-030 Datasheet
1,009Kb / 16P
Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
Thermal Dispersion Mass Flow Transmitter
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
Taiyo Yuden (U.S.A.), I...
HMJ107BB7103KAHT TAIYO-YUDEN-HMJ107BB7103KAHT Datasheet
286Kb / 2P
Mass Production
TMK042CG4R2CD-W TAIYO-YUDEN-TMK042CG4R2CD-W Datasheet
286Kb / 2P
Mass Production
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com