Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CM1051-CS Datasheet (PDF) - ICM Microeletronics

CM1051-CS Datasheet PDF - ICM Microeletronics
Part # CM1051-CS
Download  CM1051-CS Download
File Size   423.47 Kbytes
Page   12 Pages
Manufacturer  ICM [ICM Microeletronics]
Direct Link  http://www.icm-semi.com/
Logo ICM - ICM Microeletronics
Description Protection IC for 5-cell rechargeable lithium batteries

CM1051-CS Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1051-CS Datasheet PDF - ICM Microeletronics

Part # CM1051-CS
Download  CM1051-CS Click to download

File Size   423.47 Kbytes
Page   12 Pages
Manufacturer  ICM [ICM Microeletronics]
Direct Link  http://www.icm-semi.com/
Logo ICM - ICM Microeletronics
Description Protection IC for 5-cell rechargeable lithium batteries

CM1051-CS Datasheet (HTML) - ICM Microeletronics


CM1051-CS Product details

Key Features
High-precision battery voltage detection:
⚫ Overcharge protection voltage: 3.500 V ~ 4.400 V (50 mV steps), accuracy ±25 mV
⚫ Overcharge hysteresis voltage: 0.100 V, accuracy ±50 mV
⚫ Over-discharge protection voltage: 2.000 V ~ 3.200 V, accuracy ±80 mV
⚫ Over-discharge hysteresis voltage: 0 ~ 0.500 V, accuracy ±100 mV
Three-stage discharge overcurrent protection:
⚫ Overcurrent protection voltage 1: 0.050 V ~ 0.100 V (50 mV steps), accuracy ±15 mV
⚫ Overcurrent protection voltage 2: 0.100 V ~ 0.300 V (50 mV steps), accuracy ±20%
⚫ Short-circuit protection voltage: 0.200 V ~ 0.600 V (100 mV steps), accuracy ±20%
Charging overcurrent protection voltage: -0.050 V to -0.100 V (50 mV steps), accuracy ±30%
Charger detection and load detection functions
Overcharge, over-discharge, and overcurrent protection delay times configurable via external capacitors
High-temperature charge/discharge protection and low-temperature charging protection functions
Battery disconnection protection function
NTC thermistor disconnection protection function
Low current consumption:
⚫ Active mode: 15 µA (typical) (Ta = +25°C)
⚫ Sleep mode: 4.5 µA (typical) (Ta = +25°C)
Lead-free and halogen-free.

Applications
⚫ Power tools
⚫ Robot vacuums
⚫ UPS backup power supplies




Similar Part No. - CM1051-CS

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM105 CML-CM105 Datasheet
142Kb / 1P
B-6 Single Bayonet Base, B-3 1/2 Single Contact Miniature Flange Base
logo
Visual Communications C...
CM105 VCC-CM105 Datasheet
26Kb / 1P
Single Bayonet Base
logo
Comus International
CM1050 COMUS-CM1050 Datasheet
857Kb / 2P
Tilt Switch
logo
Chicago Miniature Lamp,...
CM1054 CML-CM1054 Datasheet
218Kb / 1P
RP-11 Single Contact Bayonet Base
logo
Visual Communications C...
CM1054 VCC-CM1054 Datasheet
32Kb / 1P
Contact Bayonet Base
More results


Similar Description - CM1051-CS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3170 ROHM-BA3170 Datasheet
130Kb / 8P
Trickle-charge IC for two-cell, lithium-ion batteries
logo
Dallas Semiconductor
DS2720 DALLAS-DS2720 Datasheet
252Kb / 21P
Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC
logo
Mitsubishi Electric Sem...
MM1301 MITSUBISHI-MM1301 Datasheet
95Kb / 5P
Protection of Lithium Ion Batteries (one cell) Monolithic IC
logo
Panasonic Battery Group
NBL414 PANASONICBATTERY-NBL414 Datasheet
26Kb / 1P
Niobium-Lithium Rechargeable Batteries
logo
Power Sonic Corporation
PSL-FP-IFP027070180EC POWER-SONIC-PSL-FP-IFP027070180EC Datasheet
269Kb / 3P
Rechargeable Lithium Cell
PSL-FP-IFP36130200EC POWER-SONIC-PSL-FP-IFP36130200EC Datasheet
268Kb / 3P
Rechargeable Lithium Cell
PSL-FP-IFR18650PC POWER-SONIC-PSL-FP-IFR18650PC Datasheet
407Kb / 3P
Rechargeable Lithium Cell
PSL-FP-IFR26650EC POWER-SONIC-PSL-FP-IFR26650EC Datasheet
386Kb / 3P
Rechargeable Lithium Cell
logo
Maxim Integrated Produc...
DS2720 MAXIM-DS2720 Datasheet
176Kb / 21P
Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC
080205
logo
Samsung semiconductor
ICR18650-22F SAMSUNG-ICR18650-22F Datasheet
218Kb / 18P
for Lithium-ion Rechargeable Cell
01 19/ 11/ 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com