Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SUD19P06-60 Datasheet (PDF) - Inchange Semiconductor Company Limited

SUD19P06-60 Datasheet PDF - Inchange Semiconductor Company Limited
Part # SUD19P06-60
Download  SUD19P06-60 Download
File Size   347.79 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc P-Channel MOSFET Transistor

SUD19P06-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
SUD19P06-60 Datasheet PDF - Inchange Semiconductor Company Limited

Part # SUD19P06-60
Download  SUD19P06-60 Click to download

File Size   347.79 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc P-Channel MOSFET Transistor

SUD19P06-60 Datasheet (HTML) - Inchange Semiconductor Company Limited


SUD19P06-60 Product details

FEATURES
·Drain Current -ID= -19A@ TC=25℃
·Drain Source Voltage -VDSS= -60V(Min)
·Static Drain-Source On-Resistance
-RDS(on) = 60mΩ(Max)@VGS= -10V
APPLICATIONS
·DC-to-DC Converter
·General Industrial Applications
·Power Motor Control




Similar Part No. - SUD19P06-60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD19P06-60 VISHAY-SUD19P06-60 Datasheet
136Kb / 6P
P-Channel 60-V (D-S) MOSFET
22-Oct-07
SUD19P06-60 VISHAY-SUD19P06-60 Datasheet
161Kb / 8P
P-Channel 60 V (D-S) MOSFET
31-Oct-11
logo
VBsemi Electronics Co.,...
SUD19P06-60 VBSEMI-SUD19P06-60 Datasheet
1,003Kb / 8P
P-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SUD19P06-60 VISHAY-SUD19P06-60 Datasheet
178Kb / 9P
P-Channel 60 V (D-S) MOSFET
31-Oct-11
logo
TECH PUBLIC Electronics...
SUD19P06-60 TECHPUBLIC-SUD19P06-60 Datasheet
1Mb / 5P
P-Channel Enhancement Mode MOSFET
More results


Similar Description - SUD19P06-60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com