Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE22-400 Datasheet (PDF) - FLEXTRAL

PE22-400 Datasheet PDF - FLEXTRAL
Part # PE22-400
Download  PE22-400 Download
File Size   474.67 Kbytes
Page   1 Pages
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL
Description PE22 Petro-Flex Xtreme 500 Smooth Tank Truck

PE22-400 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE22-400 Datasheet PDF - FLEXTRAL

Part # PE22-400
Download  PE22-400 Click to download

File Size   474.67 Kbytes
Page   1 Pages
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL
Description PE22 Petro-Flex Xtreme 500 Smooth Tank Truck

PE22-400 Datasheet (HTML) - FLEXTRAL


PE22-400 Product details

Application:
Heavy-duty suction and discharge hose for petroleum, liquid mud, base oil, biodiesel (to B100 in
dedicated service), diesel, gasoline, Ethanol, and up to 60% aromatics. High-pressure bulk loading,
unloading, delivery, and transport.




Similar Part No. - PE22-400

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2200-10 PASTERNACK-PE2200-10 Datasheet
267Kb / 1P
SMA FEMALE DIRECTIONAL COIPLER FREQUENCY RANGE: 0.5-1.0 GHz
PE2200-20 PASTERNACK-PE2200-20 Datasheet
110Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE:0.5-1.0 GHz
PE2200-30 PASTERNACK-PE2200-30 Datasheet
269Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE: 0.5-1.0 GHz
PE2200-6 PASTERNACK-PE2200-6 Datasheet
267Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUNECY RANGE:0.5-1.0 GHz
PE2201-10 PASTERNACK-PE2201-10 Datasheet
263Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:1-2 GHz
More results


Similar Description - PE22-400

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0003 RFMD-AN0003 Datasheet
34Kb / 4P
A Quick Guide to Tank Circuits
logo
List of Unclassifed Man...
TAT400 ETC2-TAT400 Datasheet
309Kb / 1P
Tank Immersion Heaters General Purpose Tank or Reservoir Water
logo
Ralston Instruments.
NPAK-0050 RALSTON-NPAK-0050 Datasheet
206Kb / 1P
NPAK tube connecting tank fill valve to "tank pressure" gauge
logo
Cynergy3 Co
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
Submersible Tank Gauging Level Transmitter
ILLSU CYNERGY3-ILLSU Datasheet
91Kb / 2P
Submersible Tank Gauging Level Transmitter
logo
Mallory performance clu...
PN2957 MALLORY-PN2957 Datasheet
8Mb / 24P
Atomic LS Master Truck EFI Kits
logo
TE Connectivity Ltd
CAT-ATS0027 TEC-CAT-ATS0027 Datasheet
106Kb / 1P
TURBOCHARGER PNEUMATIC ACTUATOR POSITION SENSOR (TRUCK)
logo
List of Unclassifed Man...
D01955 ETC-D01955 Datasheet
152Kb / 1P
150kg Platform Truck
28/08/14
logo
TE Connectivity Ltd
408-10393 TEC-408-10393 Datasheet
504Kb / 5P
Truck Light Connector System
2010
logo
AAEON Technology
UPX-EDGEI7-A10-1664-F01 AAEON-UPX-EDGEI7-A10-1664-F01 Datasheet
631Kb / 2P
UP Xtreme Edge Computing System
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com