Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9ZXL1950 Datasheet (PDF) - Renesas Technology Corp

9ZXL1950 Datasheet PDF - Renesas Technology Corp
Part # 9ZXL1950
Download  9ZXL1950 Download
File Size   541.48 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 19-Output DB1900Z Low-Power Derivative with 85ohm Terminations

9ZXL1950 Datasheet (PDF)

Go To PDF Page Download Datasheet
9ZXL1950 Datasheet PDF - Renesas Technology Corp

Part # 9ZXL1950
Download  9ZXL1950 Click to download

File Size   541.48 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 19-Output DB1900Z Low-Power Derivative with 85ohm Terminations

9ZXL1950 Datasheet (HTML) - Renesas Technology Corp


9ZXL1950 Product details

• LP-HCSL outputs; up to 90% IO power reduction, better
signal integrity over long traces
• Direct connect to 85Ω transmission lines; eliminates 76
termination resistors, saves 130mm2 area
• Pin compatible to the 9ZXL1930; easy upgrade to reduced
board space
• 72-pin VFQFPN package; smallest 19-output Z-buffer
• Fixed feedback path; ~0ps input-to-output delay
• 9 Selectable SMBus addresses; multiple devices can share
same SMBus segment
• Separate VDDIO for outputs; allows maximum power savings
• PLL or bypass mode; PLL can dejitter incoming clock
• 100MHz & 133.33MHz PLL mode; legacy QPI support
• Selectable PLL BW; minimizes jitter peaking in downstream PLL's
• Spread spectrum compatible; tracks spreading input clock
for EMI reduction
• SMBus Interface; unused outputs can be disabled




Similar Part No. - 9ZXL1950

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950 Datasheet
296Kb / 18P
Fixed feedback path
9ZXL1950 IDT-9ZXL1950 Datasheet
296Kb / 18P
19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1950BKLF IDT-9ZXL1950BKLF Datasheet
296Kb / 18P
19-output DB1900Z Low-Power Derivative w/85ohm Terminations
9ZXL1950BKLF IDT-9ZXL1950BKLF Datasheet
267Kb / 18P
19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
More results


Similar Description - 9ZXL1950

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251_16 Datasheet
378Kb / 20P
12-output DB1200ZL Derivative with Integrated 85ohm Terminations
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
15-output DB1900Z Low-Power Derivative
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
19-output DB1900Z Low-Power Derivative w/85ohm Terminations
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
logo
Renesas Technology Corp
9ZXL0651 RENESAS-9ZXL0651 Datasheet
634Kb / 15P
6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com