Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMSW2046 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW2046 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW2046
Download  FMSW2046 Download
File Size   1019.51 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMSW2046 DATA SHEET SMA SP6T PIN Diode Switch Absorptive From 100 MHz to 20 GHz Rated at 27 dBm

FMSW2046 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW2046 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW2046
Download  FMSW2046 Click to download

File Size   1019.51 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMSW2046 DATA SHEET SMA SP6T PIN Diode Switch Absorptive From 100 MHz to 20 GHz Rated at 27 dBm

FMSW2046 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW2046 Product details

Features
• SP6T Absorptive Switch
• 100 MHz to 20 GHz
• Insertion Loss 4.2 dB max
• Isolation 65 dB min
• Switching speed 75 nsec max
• Max Operating Power +27 dBm
• Applications:
• Test & Measurement
• Military Communication
• Commercial Communication
• Wireless Communications
• SATCOM
• Military Electronic Systems
• RF Test Stations
• FMSW2046
• DATA SHEET




Similar Part No. - FMSW2046

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW2040 FAIRVIEW-FMSW2040 Datasheet
686Kb / 5P
SMA SPDT PIN Diode Switch From 20 MHz to 1,000 MHz Rated at 150 Watts
REV 1.1
FMSW2047 FAIRVIEW-FMSW2047 Datasheet
690Kb / 3P
FMSW2047 DATA SHEET SMA SPDT PIN Diode Switch from 30 MHz to 530 MHz Rated at 5 Watts
REV 1.1A
FMSW2048 FAIRVIEW-FMSW2048 Datasheet
813Kb / 4P
FMSW2048 DATA SHEET SMA SPDT PIN Diode Switch from 50 MHz to 1.5 GHz Rated at 4 Watts
REV 1.1
More results


Similar Description - FMSW2046

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7164 PASTERNACK-PE7164 Datasheet
276Kb / 3P
50 Ohm SMA SPST PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7165 PASTERNACK-PE7165 Datasheet
270Kb / 3P
50 Ohm SMA SP2T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7166 PASTERNACK-PE7166 Datasheet
279Kb / 3P
50 Ohm SMA SP3T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7167 PASTERNACK-PE7167 Datasheet
304Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE71S2008 PASTERNACK-PE71S2008 Datasheet
486Kb / 6P
SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE71S6230 PASTERNACK-PE71S6230 Datasheet
425Kb / 5P
SMA SPST PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To 20 dBm
PE71S2009 PASTERNACK-PE71S2009 Datasheet
451Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2010 PASTERNACK-PE71S2010 Datasheet
445Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S6213 PASTERNACK-PE71S6213 Datasheet
370Kb / 4P
SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To plus 20 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com