Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PREF81410B1NAJT Datasheet (PDF) - Texas Instruments

PREF81410B1NAJT Datasheet PDF - Texas Instruments
Part # PREF81410B1NAJT
Download  PREF81410B1NAJT Download
File Size   586.2 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF81 Temperature Controlled Precision Voltage Reference with 0.05ppm/°C Temperature Drift and < 1ppm Stability

PREF81410B1NAJT Datasheet (PDF)

Go To PDF Page Download Datasheet
PREF81410B1NAJT Datasheet PDF - Texas Instruments

Part # PREF81410B1NAJT
Download  PREF81410B1NAJT Click to download

File Size   586.2 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF81 Temperature Controlled Precision Voltage Reference with 0.05ppm/°C Temperature Drift and < 1ppm Stability

PREF81410B1NAJT Datasheet (HTML) - Texas Instruments


PREF81410B1NAJT Product details

1 Features
• Buried zener core 7.6V output
• Industry standard fixed output voltage
– 1X gain: 2.5V, 4.096V, 5V
– 2X gain: 5V, 8.192V, 10V
• No external buffer for 1X and 2X gain output
• Industry standard fixed output initial accuracy
– 1X gain: ±0.05%
– 2X gain: ±0.1%
• Ultra-low temperature drift: 0.05ppm/°C
• Operating temperature range: 0°C to 70°C
• Excellent long term stability: 0.3ppm (1khr to 5khr)
• 1/f noise (0.1Hz to 10Hz) : 0.12ppmpk-pk
• Integrated heater with temperature stable indicator
• Input Voltage range: 10V to 16.5V
• Heater supply range: 10V to 42V
• Hermetically sealed ceramic package (20-pin LCCC)




Similar Part No. - PREF81410B1NAJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PREF81410B1NAJT TI2-PREF81410B1NAJT Datasheet
570Kb / 5P
REF81 Temperature Controlled Precision Voltage Reference with 0.05ppm/°C Temperature Drift and < 1ppm Stability
JULY 2025
More results


Similar Description - PREF81410B1NAJT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
5V Precision Voltage Reference/Temperature Trangsducer
ADR318 AD-ADR318 Datasheet
492Kb / 8P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV.0
logo
Intersil Corporation
X60008A-50 INTERSIL-X60008A-50 Datasheet
284Kb / 11P
1ppm/C, 5.0V, Precision Low-Power FGA Voltage Reference
March 15, 2005
logo
Analog Devices
REF02 AD-REF02 Datasheet
454Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
7/04-Data Sheet Changed from Rev. E to Rev. F
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Analog Devices
REF02 AD-REF02_05 Datasheet
584Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
12/05-Rev. H to Rev. I
logo
List of Unclassifed Man...
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
Precision High Temperature Reference Supplies
logo
Maxim Integrated Produc...
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
logo
RHOPOINT COMPONENTS
VRE120C RHOPOINT-VRE120C Datasheet
337Kb / 5P
Precision High Temperature Reference Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com