Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G00-Q1 Datasheet (PDF) - Texas Instruments

SN74LVC2G00-Q1 Datasheet PDF - Texas Instruments
Part # SN74LVC2G00-Q1
Download  SN74LVC2G00-Q1 Download
File Size   1158.05 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G00-Q1 Automotive, Dual 2-Input Positive-NAND Gates

SN74LVC2G00-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G00-Q1 Datasheet PDF - Texas Instruments

Part # SN74LVC2G00-Q1
Download  SN74LVC2G00-Q1 Click to download

File Size   1158.05 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G00-Q1 Automotive, Dual 2-Input Positive-NAND Gates

SN74LVC2G00-Q1 Datasheet (HTML) - Texas Instruments


SN74LVC2G00-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Operating range from 1.65V to 3.6V
• Over-voltage tolerant inputs support up to 5.5V independent of VCC
• Maximum propagation delay of 3.8ns at 5V VCC
• Supports partial-power-down with back drive protection (Ioff)
• High output drive strength:
– ±24mA at 3.3V
– ±8mA at 2.3V
– ±4mA at 1.65V




Similar Part No. - SN74LVC2G00-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
343Kb / 13P
DUAL 2 INPUT POSITIVE NAND GATE
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
527Kb / 13P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00 TI1-SN74LVC2G00 Datasheet
1,001Kb / 24P
Dual 2-Input Positive-NAND Gate
SN74LVC2G00 TI2-SN74LVC2G00 Datasheet
714Kb / 26P
SN74LVC2G00 Dual 2-Input Positive-NAND Gate
REVISED JANUARY 2015
SN74LVC2G00DCT3 TI1-SN74LVC2G00DCT3 Datasheet
1,001Kb / 24P
Dual 2-Input Positive-NAND Gate
More results


Similar Description - SN74LVC2G00-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00Q-Q1 TI-SN74AHCT00Q-Q1_V01 Datasheet
1Mb / 25P
SN74AHCT00Q-Q1 Automotive Quadruple 2-Input Positive-NAND Gates
REVISED MAY 2023
SN74LV4T00-Q1 TI-SN74LV4T00-Q1 Datasheet
1Mb / 28P
SN74LV4T00-Q1 Automotive Quadruple 2-Input Positive-NAND Gates With Integrated Translation
APRIL 2023
SN74AHCT1G00-Q1 TI1-SN74AHCT1G00-Q1 Datasheet
959Kb / 22P
SN74AHCT1G00-Q1 Automotive 2-Input Positive-NAND Gates
JULY 2023
SN74AHCT1G02-Q1 TI1-SN74AHCT1G02-Q1 Datasheet
951Kb / 22P
SN74AHCT1G02-Q1 Automotive 2-Input Positive-NOR Gates
JULY 2023
SN74AHCT1G08-Q1 TI1-SN74AHCT1G08-Q1 Datasheet
951Kb / 22P
SN74AHCT1G08-Q1 Automotive 2-Input Positive-AND Gates
JULY 2023
SN74LV1T00-Q1 TI1-SN74LV1T00-Q1 Datasheet
1Mb / 25P
SN74LV1T00-Q1 Automotive 2-Input Positive-NAND Gates With Integrated Translation
JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com