Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM851772-Q1 Datasheet (PDF) - Texas Instruments

LM851772-Q1 Datasheet PDF - Texas Instruments
Part # LM851772-Q1
Download  LM851772-Q1 Download
File Size   4633.13 Kbytes
Page   116 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM851772-Q1 Automotive, 80V VIN, 4 Switch Buck-Boost Controller With I2C for USB-PD Sourcing

LM851772-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM851772-Q1 Datasheet PDF - Texas Instruments

Part # LM851772-Q1
Download  LM851772-Q1 Click to download

File Size   4633.13 Kbytes
Page   116 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM851772-Q1 Automotive, 80V VIN, 4 Switch Buck-Boost Controller With I2C for USB-PD Sourcing

LM851772-Q1 Datasheet (HTML) - Texas Instruments


LM851772-Q1 Product details

1 Features
• Input range from 3.5V to 80V
– Selectable input voltage operation threshold up to 58.5V in 0.5V steps
• Dynamical Vo programming using I2C from:
– 3.3V to 48V in 20mV monotonous steps
– 3.3V up to 23V in 10mV monotonous steps
• Peak current regulation control with small voltage transition ripple overall operating modes
• Shut down quiescent current: 3μA
• Operating quiescent current: 75μA
• Drive (DRV1) pin for dual role port power path
– Push-pull output for fast pMOS FET control
– Configurable as charge pump driver stage for nMOS FET
• Operation mode selection for high efficiency in light load and high load conditions:
– Power save mode (single pulse, μSleep)
– Automatic conduction mode
• Integrated high voltage supply LDO
• Auxiliary high-voltage LDO for microcontroller supply
• Integrated full-bridge gate drive
– Peak current capability: 2A
– Bootstrap over and undervoltage protection
– Integrated bootstrap diode
• Fixed frequency independent from operating mode (boost, buck-boost, buck)
– Forced PWM mode selectable
– Switching frequency: 100kHz to 2200kHz
– External clock synchronization and clock output
• Spread spectrum operation selectable
• Average input or output current sensor
– Programmable from 0.5A to 7A in 50mA steps
• I2C programmable with diagnostics
• AEC-Q100 qualified for automotive applications
– Junction temperature: –40°C to 150°C, TJ
• 40-pin WSON package with wettable flanks
• Functional Safety-Capable
– Documentation available to aid functional safety system design
• Create a custom design using the LM851772-Q1 with the WEBENCH® Power Designer




Similar Part No. - LM851772-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM851772-Q1 TI2-LM851772-Q1 Datasheet
3Mb / 108P
LM851772-Q1 80V VIN4 Switch Buck-Boost Controller With I2C for USB-PD Sourcing
JUNE 2026
LM851772-Q1RHAR TI2-LM851772-Q1RHAR Datasheet
3Mb / 108P
LM851772-Q1 80V VIN4 Switch Buck-Boost Controller With I2C for USB-PD Sourcing
JUNE 2026
More results


Similar Description - LM851772-Q1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
logo
Texas Instruments
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
logo
Linear Technology
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
logo
Texas Instruments
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
logo
Maxim Integrated Produc...
MAX25430 MAXIM-MAX25430 Datasheet
3Mb / 120P
Automotive 100W USB-PD Buck-Boost Port Controller and Protector
19-100826; Rev 0; 7/20
logo
Renesas Technology Corp
ISL81801 RENESAS-ISL81801 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com