Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC24005A6W-BNMLW-V2 Datasheet (PDF) - Midas Components

MC24005A6W-BNMLW-V2 Datasheet PDF - Midas Components
Part # MC24005A6W-BNMLW-V2
Download  MC24005A6W-BNMLW-V2 Download
File Size   752.27 Kbytes
Page   5 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description 5mm Character Height LCD Module

MC24005A6W-BNMLW-V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC24005A6W-BNMLW-V2 Datasheet PDF - Midas Components

Part # MC24005A6W-BNMLW-V2
Download  MC24005A6W-BNMLW-V2 Click to download

File Size   752.27 Kbytes
Page   5 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description 5mm Character Height LCD Module

MC24005A6W-BNMLW-V2 Datasheet (HTML) - Midas Components


MC24005A6W-BNMLW-V2 Product details

Display Features
Character Count 2 x 40
Appearance White on Blue
Logic Voltage 5V
Interface Parallel
Font Set English / Japanese
Display Mode Transmissive
Character Height 5.55mm
LC Type BSTN
Module Size 182.00 x 33.50 x 14.00 mm
Operating Temperature -20°C ~ +70°C
Construction COB
LED Backlight White




Similar Part No. - MC24005A6W-BNMLW-V2

ManufacturerPart #DatasheetDescription
logo
Midas Components
MC24005A6W-FPTLW-V2 MIDASDISPLAYS-MC24005A6W-FPTLW-V2 Datasheet
760Kb / 5P
5mm Character Height LCD Module
Version: 2 31/01/2019
MC24005A6W-SPTLY-V2 MIDASDISPLAYS-MC24005A6W-SPTLY-V2 Datasheet
747Kb / 5P
5mm Character Height LCD Module
Version: 1 31/10/2016
More results


Similar Description - MC24005A6W-BNMLW-V2

ManufacturerPart #DatasheetDescription
logo
Crystalfontz America, I...
CFAH0802A-TTI-JT CRYSTAIFONTZ-CFAH0802A-TTI-JT Datasheet
837Kb / 12P
CHARACTER LCD MODULE
CFAH0802D-NYG-JT CRYSTAIFONTZ-CFAH0802D-NYG-JT Datasheet
509Kb / 11P
CHARACTER LCD MODULE
CFAH1202A-YYH-JT CRYSTAIFONTZ-CFAH1202A-YYH-JT Datasheet
858Kb / 11P
CHARACTER LCD MODULE
CFAH1601B-TMI-ET CRYSTAIFONTZ-CFAH1601B-TMI-ET Datasheet
617Kb / 12P
CHARACTER LCD MODULE
CFAH1601B-YYH-ET CRYSTAIFONTZ-CFAH1601B-YYH-ET Datasheet
850Kb / 12P
CHARACTER LCD MODULE
CFAH1602B-YTI-JT CRYSTAIFONTZ-CFAH1602B-YTI-JT Datasheet
838Kb / 12P
CHARACTER LCD MODULE
CFAH1602B-YYH-JT CRYSTAIFONTZ-CFAH1602B-YYH-JT Datasheet
820Kb / 11P
CHARACTER LCD MODULE
CFAH2004A-YTI-JT CRYSTAIFONTZ-CFAH2004A-YTI-JT Datasheet
852Kb / 12P
CHARACTER LCD MODULE
CFAH2004B-TFH-ET CRYSTAIFONTZ-CFAH2004B-TFH-ET Datasheet
1,012Kb / 12P
CHARACTER LCD MODULE
CFAH4004A-YYH-JT CRYSTAIFONTZ-CFAH4004A-YYH-JT Datasheet
985Kb / 12P
CHARACTER LCD MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com