Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCT035AB0W320240LML Datasheet (PDF) - Midas Components

MCT035AB0W320240LML Datasheet PDF - Midas Components
Part # MCT035AB0W320240LML
Download  MCT035AB0W320240LML Download
File Size   1425.79 Kbytes
Page   12 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description TFT Module

MCT035AB0W320240LML Datasheet (PDF)

Go To PDF Page Download Datasheet
MCT035AB0W320240LML Datasheet PDF - Midas Components

Part # MCT035AB0W320240LML
Download  MCT035AB0W320240LML Click to download

File Size   1425.79 Kbytes
Page   12 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description TFT Module

MCT035AB0W320240LML Datasheet (HTML) - Midas Components


MCT035AB0W320240LML Product details

Display Features
Display Size 3.5”
Resolution 320 x 240
Orientation Landscape
Appearance RGB
Logic Voltage 3.1V
Interface Parallel
Brightness 300 cd/m2
Touchscreen ---
Module Size 93.50 x 66.44 x 7.30mm
Operating Temperature -20°C ~ +70°C
Pinout
Pitch
36 Way Connector
0.5mm




Similar Part No. - MCT035AB0W320240LML

ManufacturerPart #DatasheetDescription
logo
Midas Components
MCT035G12W320240LML MIDASDISPLAYS-MCT035G12W320240LML Datasheet
1Mb / 13P
TFT Module
Version: 2 21/01/2016
MCT035M6S320480PMLC MIDASDISPLAYS-MCT035M6S320480PMLC Datasheet
3Mb / 16P
MCT035M6S320480LML
MCT035N6TW320240LMLC MIDASDISPLAYS-MCT035N6TW320240LMLC Datasheet
663Kb / 22P
Modify Structural Chart
14-04-2011
More results


Similar Description - MCT035AB0W320240LML

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ10D131 SHARP-LQ10D131 Datasheet
1Mb / 19P
TFT - LCD MODULE
LQ035Q7DB03 SHARP-LQ035Q7DB03 Datasheet
506Kb / 24P
TFT LCD MODULE
LQ080V3DG01 SHARP-LQ080V3DG01 Datasheet
468Kb / 23P
TFT MODULE
LQ150X1LGN2A SHARP-LQ150X1LGN2A Datasheet
901Kb / 24P
TFT-LCD MODULE
LQ104S1DG21 SHARP-LQ104S1DG21 Datasheet
376Kb / 19P
TFT-LCD Module
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
TFT-LCD Module
LQ121S1LG61 SHARP-LQ121S1LG61 Datasheet
715Kb / 20P
TFT-LCD Module
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
TFT-LCD Module
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
TFT-LCD Module
LQ057Q3DC03 SHARP-LQ057Q3DC03 Datasheet
341Kb / 18P
TFT - LCD module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com