Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

186D12 Datasheet (PDF) - Hammond Manufacturing Ltd.

186D12 Datasheet PDF - Hammond Manufacturing Ltd.
Part # 186D12
Download  186D12 Download
File Size   107.33 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Low Voltage Solder or Quick Connect Terminals Chassis Mount - 115 & 115/230 V Primary

186D12 Datasheet (PDF)

Go To PDF Page Download Datasheet
186D12 Datasheet PDF - Hammond Manufacturing Ltd.

Part # 186D12
Download  186D12 Click to download

File Size   107.33 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Low Voltage Solder or Quick Connect Terminals Chassis Mount - 115 & 115/230 V Primary

186D12 Datasheet (HTML) - Hammond Manufacturing Ltd.


186D12 Product details

Features
Choice of two primaries: Single Primary 115VAC (187 series) or Dual
Primary 115/230VAC (186 series).
Either series operates on 50/60 Hz.
Combination solder or quick connect terminals.
Split bobbin construction eliminates the need for an electrostatic shield.
Hi-pot tested to 2 KV RMS.
Economical open style, channel frame - chassis mount design
Insulation material - minimum of Class B or 130 degrees C
Designed to Class A temperature rise
UL recognized & CSA certified.




Similar Part No. - 186D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
186D ETC1-186D Datasheet
382Kb / 6P
DUAL HIGH VOLTAGE/VERY HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Similar Description - 186D12

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP130 POWER-ONE-MAP130 Datasheet
243Kb / 4P
Automatic 115/230 Input Voltage Selection
logo
Vishay Siliconix
PL-22 VISHAY-PL-22 Datasheet
192Kb / 6P
Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
11-Dec-02
logo
Power-One
MAP130 POWER-ONE-MAP130_06 Datasheet
146Kb / 4P
Automatic 115/230 Input Voltage Selection
logo
Vishay Siliconix
PL-22 VISHAY-PL-22_06 Datasheet
146Kb / 4P
Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
10-Aug-06
logo
Schurter Inc.
0031.1661 SCHURTER-0031.1661 Datasheet
542Kb / 4P
Quick-conntect or solder terminals
0031.1657 SCHURTER-0031.1657 Datasheet
564Kb / 3P
Quick-conntect or solder terminals
logo
Schneider Electric
STBPDT2100K SCHNEIDER-STBPDT2100K Datasheet
131Kb / 5P
standard power distribution kit STB - 115..230 V AC
Apr 8, 2022
140CPS11420 SCHNEIDER-140CPS11420 Datasheet
121Kb / 4P
power supply module Modicon Quantum - 115 V/230 V AC - summable or standalone
Apr 12, 2022
140CPS12400 SCHNEIDER-140CPS12400 Datasheet
117Kb / 4P
power supply module Modicon Quantum - 115 V/230 V AC - redundant
Apr 12, 2022
logo
TiMOTION Technology Co....
TIP5 TIMOTION-TIP5 Datasheet
344Kb / 4P
Input voltage 115 or 230V AC
20221027-B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com