Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V436664Z24VG-75 Datasheet (PDF) - Mosel Vitelic, Corp

V436664Z24VG-75 Datasheet PDF - Mosel Vitelic, Corp
Part # V436664Z24VG-75
Download  V436664Z24VG-75 Download
File Size   313.87 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M x 64 3.3 VOLT

V436664Z24VG-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
V436664Z24VG-75 Datasheet PDF - Mosel Vitelic, Corp

Part # V436664Z24VG-75
Download  V436664Z24VG-75 Click to download

File Size   313.87 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M x 64 3.3 VOLT

V436664Z24VG-75 Datasheet (HTML) - Mosel Vitelic, Corp


V436664Z24VG-75 Product details

Description
The V436664Z24V memory module is organized 67,108,864 x 64 bits in a 144 pin SODIMM. The 64M x 64 memory module uses 16 Mosel-Vitelic 32M x 8 SDRAM. The x64 modules are ideal for use in high performance computer systems where increased memory density and fast access times are required.

Features
■ JEDEC-standard 144 pin, Small-Outline, Dual in line Memory Module (SODIMM)
■ Serial Presence Detect with E2PROM
■ Nonbuffered
■ Fully Synchronous, All Signals Registered on Positive Edge of System Clock
■ Single +3.3V (± 0.3V) Power Supply
■ All Device Pins are LVTTL Compatible
■ 8192 Refresh Cycles every 64 ms
■ Self-Refresh Mode
■ Internal Pipelined Operation; Column Address can be changed every System Clock
■ Programmable Burst Lengths: 1, 2, 4, 8
■ Auto Precharge and Piecharge all Banks by A10
■ Data Mask Function by DQM
■ Mode Register Set Programming
■ Programmable (CAS Latency: 2, 3 Clocks)
■ SOC and WBGA component packaging




Similar Part No. - V436664Z24VG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436664S24V MOSEL-V436664S24V Datasheet
184Kb / 12P
3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V436664S24VXTG-10PC MOSEL-V436664S24VXTG-10PC Datasheet
184Kb / 12P
3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V436664S24VXTG-75 MOSEL-V436664S24VXTG-75 Datasheet
184Kb / 12P
3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V436664S24VXTG-75PC MOSEL-V436664S24VXTG-75PC Datasheet
184Kb / 12P
3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V436664X24V MOSEL-V436664X24V Datasheet
299Kb / 13P
512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT
More results


Similar Description - V436664Z24VG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43648Y04VCTG-10PC MOSEL-V43648Y04VCTG-10PC Datasheet
145Kb / 10P
3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43658Y04VATG-10PC MOSEL-V43658Y04VATG-10PC Datasheet
159Kb / 11P
3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43658Y04VATG-75 MOSEL-V43658Y04VATG-75 Datasheet
258Kb / 11P
64MB 168-PIN 133 MHZ SDRAM UNBUFFERED SODIMM 3.3 VOLT, 8M x 64
V43658Y04VATG-75PC MOSEL-V43658Y04VATG-75PC Datasheet
71Kb / 11P
3.3 VOLT 8M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436616Y24V MOSEL-V436616Y24V Datasheet
327Kb / 12P
3.3 VOLT 16M x 64 HIGH PERFORMANCE SDRAM UNBUFFERED SODIMM
V436632Y24V MOSEL-V436632Y24V Datasheet
314Kb / 12P
256MB 144-PIN UNBUFFERED SDRAM SODIMM, 32M X 64 3.3VOLT
V436664S24V MOSEL-V436664S24V Datasheet
184Kb / 12P
3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V436664X24V MOSEL-V436664X24V Datasheet
299Kb / 13P
512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT
V826664G24S MOSEL-V826664G24S Datasheet
199Kb / 14P
512 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 64M x 64
V43644Y04VTG-10PC MOSEL-V43644Y04VTG-10PC Datasheet
147Kb / 10P
3.3 VOLT 4M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com