Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AHCT1G32GV Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHCT1G32GV Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHCT1G32GV
Download  74AHCT1G32GV Download
File Size   240.38 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input OR gate

74AHCT1G32GV Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT1G32GV Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHCT1G32GV
Download  74AHCT1G32GV Click to download

File Size   240.38 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input OR gate

74AHCT1G32GV Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHCT1G32GV Product details

General description
The 74AHC1G32; 74AHCT1G32 is a single 2-input OR gate. Inputs are overvoltage tolerant. This
feature allows the use of these devices as translators in mixed voltage environments.
Features and benefits
• Wide supply voltage range from 2.0 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• Symmetrical output impedance
• Balanced propagation delays
• Input levels:
• For 74AHC1G32: CMOS level
• For 74AHCT1G32: TTL level
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V
• Specified from -40 °C to +125 °C




Similar Part No. - 74AHCT1G32GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G32GV PHILIPS-74AHCT1G32GV Datasheet
74Kb / 16P
2-input OR gate
2002 Jun 05
74AHCT1G32GV NXP-74AHCT1G32GV Datasheet
79Kb / 12P
2-input OR gate
Rev. 07-14 May 2009
74AHCT1G32GV NXP-74AHCT1G32GV Datasheet
79Kb / 12P
2-input OR gate
Rev. 07-14 May 2009
logo
Nexperia B.V. All right...
74AHCT1G32GV NEXPERIA-74AHCT1G32GV Datasheet
215Kb / 11P
2-input OR gate
Rev. 10 - 11 January 2022
74AHCT1G32GV NEXPERIA-74AHCT1G32GV Datasheet
141Kb / 13P
2-input OR gate
Rev. 8 18 November 2014
More results


Similar Description - 74AHCT1G32GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
2-input OR gate
1999 Jan 27
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
2-input OR Gate
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
2-INPUT OR GATE
logo
First Silicon Co., Ltd
FC74VHC1G32 FS-FC74VHC1G32 Datasheet
399Kb / 4P
2-Input OR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com