Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

596-01320 Datasheet (PDF) - HellermannTyton.

596-01320 Datasheet PDF - HellermannTyton.
Part # 596-01320
Download  596-01320 Download
File Size   1394.47 Kbytes
Page   41 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Wire and Cable Markers

596-01320 Datasheet (PDF)

Go To PDF Page Download Datasheet
596-01320 Datasheet PDF - HellermannTyton.

Part # 596-01320
Download  596-01320 Click to download

File Size   1394.47 Kbytes
Page   41 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Wire and Cable Markers

596-01320 Datasheet (HTML) - HellermannTyton.


596-01320 Product details

Features and Benefits
HellermannTyton’s ShrinkTrak 3:1 ratio heat
shrinkable markers make it easy to identify
wire and cable. The ladder-style function
has been designed to enhance the user’s
ability to pick markers off the carrier. The
side slits have been specifically designed to
ensure that the wire entry gap is as large as
possible whilst remaining on the carrier
strip. This enables the user to quickly insert
wire and cable into the marker. For a complete
labelling solution, ShrinkTrak can be
printed using HellermannTyton’s TagPrint Pro
professional label creation software, thermal
transfer printers and ribbons to create a permanent
and solvent resistant print when
shrunk and applied.




Similar Part No. - 596-01320

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
596-03946 HELLERMANNTYTON-596-03946 Datasheet
192Kb / 4P
AC Solar Label Value Pack, Red/Orange, 36 Per Kit, 1/Pkg
More results


Similar Description - 596-01320

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
023470-000 MACOM-023470-000 Datasheet
168Kb / 2P
Snap-On wire markers
030648-000 MACOM-030648-000 Datasheet
168Kb / 2P
Pre-Printed Wire and Cable Markers
logo
TE Connectivity Ltd
TTDS-025 TEC-TTDS-025 Datasheet
355Kb / 2P
K-Type Cable Markers
logo
Weidmuller
0251311696 WEIDMULLER-0251311696 Datasheet
294Kb / 3P
CableLine, Conductor and cable markers, 4 - 10mm
October 16, 2021
0252111696 WEIDMULLER-0252111696 Datasheet
327Kb / 8P
CableLine, Conductor and cable markers, 1.3 - 3mm
October 17, 2021
0252611653 WEIDMULLER-0252611653 Datasheet
330Kb / 8P
CableLine, Conductor and cable markers, 2.5 - 5mm
October 17, 2021
0252611655 WEIDMULLER-0252611655 Datasheet
330Kb / 8P
CableLine, Conductor and cable markers, 2.5 - 5mm
October 17, 2021
0252611657 WEIDMULLER-0252611657 Datasheet
330Kb / 8P
CableLine, Conductor and cable markers, 2.5 - 5mm
October 17, 2021
1109180000 WEIDMULLER-1109180000 Datasheet
228Kb / 4P
THM, Conductor and cable markers, 8.1 - 39.7mm
September 19, 2021
1109190000 WEIDMULLER-1109190000 Datasheet
229Kb / 4P
THM, Conductor and cable markers, 39.7 mm
September 19, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com