Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1557DA Datasheet (PDF) - Hammond Manufacturing Ltd.

1557DA Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1557DA
Download  1557DA Download
File Size   163.46 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Type 4/4X, 6/6P Polycarbonate and ABS Plastic Enclosures 1557 Series Water-Tight, Multiple Mounting Features

1557DA Datasheet (PDF)

Go To PDF Page Download Datasheet
1557DA Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1557DA
Download  1557DA Click to download

File Size   163.46 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Type 4/4X, 6/6P Polycarbonate and ABS Plastic Enclosures 1557 Series Water-Tight, Multiple Mounting Features

1557DA Datasheet (HTML) - Hammond Manufacturing Ltd.


1557DA Product details

Key Features:
Ideally suited for mounting printed circuit boards.
Can be used in a tabletop configuration or two different wall-mount configurations.
Rounded corners and face provide a more modern look while still offering superior watertight
ratings.
Available in black or gray ABS plastic or UL listed polycarbonate
ABS Versions are molded from general purpose material which carries a flammability
rating of UL94-HB. For indoor use.
Polycarbonate versions are UV stabilized for outdoor use and carry a UL94-5VA
flammability rating. For indoor or outdoor use.
Polycarbonate versions are cUL and UL 508A listed (File # E65324), NEMA 4, 4X, 6, 6P.
ABS plastic versions are not UL listed.
Gasketed lid with two piece “tongue & groove” construction provides protection against
access of oil, dust and water.
Gasket is one piece made from high temperature, U.L. listed silicone.
ABS versions are designed to meet IP66
Polycarbonate versions are designed to meet IP68
Lid is secured with included M4 stainless steel machine screws which are threaded into
corrosion resistant bushings for repetitive assembly & disassembly. All hardware is
designed to avoid corrosion caused by harsh environments over time.




Similar Part No. - 1557DA

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1557DA HAMMOND-1557DA Datasheet
171Kb / 2P
Type 4/4X, 6/6P Polycarbonate and ABS Plastic Enclosures 1557 Series Water-Tight, Multiple Mounting Features
9/6/2021
1557DA2BK HAMMOND-1557DA2BK Datasheet
171Kb / 2P
Type 4/4X, 6/6P Polycarbonate and ABS Plastic Enclosures 1557 Series Water-Tight, Multiple Mounting Features
9/6/2021
1557DA2GY HAMMOND-1557DA2GY Datasheet
171Kb / 2P
Type 4/4X, 6/6P Polycarbonate and ABS Plastic Enclosures 1557 Series Water-Tight, Multiple Mounting Features
9/6/2021
1557DABK HAMMOND-1557DABK Datasheet
171Kb / 2P
Type 4/4X, 6/6P Polycarbonate and ABS Plastic Enclosures 1557 Series Water-Tight, Multiple Mounting Features
9/6/2021
1557DAGY HAMMOND-1557DAGY Datasheet
171Kb / 2P
Type 4/4X, 6/6P Polycarbonate and ABS Plastic Enclosures 1557 Series Water-Tight, Multiple Mounting Features
9/6/2021
More results


Similar Description - 1557DA

ManufacturerPart #DatasheetDescription
logo
Altech corporation
TG88-6 ALTECH-TG88-6 Datasheet
86Kb / 1P
ABS/POLYCARBONATE ENCLOSURE TG 88-6
TG1208-6 ALTECH-TG1208-6 Datasheet
87Kb / 1P
ABS/POLYCARBONATE ENCLOSURE TG 1208-6
TG1212-6 ALTECH-TG1212-6 Datasheet
82Kb / 1P
ABS/POLYCARBONATE ENCLOSURE TG 1212-6
TG1608-6 ALTECH-TG1608-6 Datasheet
82Kb / 1P
ABS/POLYCARBONATE ENCLOSURE TG 1608-6
logo
List of Unclassifed Man...
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
G2128 ETC2-G2128 Datasheet
91Kb / 1P
Multipurpose Enclosures - ABS and Polycarbonate
logo
Hammond Manufacturing L...
RS5305S HAMMOND-RS5305S Datasheet
155Kb / 2P
RITEC - Sealed - ABS Plastic Enclosures
1554PB HAMMOND-1554PB Datasheet
169Kb / 2P
Bo챤tier pour boutons-poussoirs en polycarbonate de type 4, 4X
logo
Laird Tech Smart Techno...
S2403BP LSTD-S2403BP Datasheet
276Kb / 1P
Polycarbonate enclosures
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
Watertight Polycarbonate Miniature Enclosures
7/24/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com