Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HCT74D-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT74D-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT74D-Q100
Download  74HCT74D-Q100 Download
File Size   198.16 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual D-type flip-flop with set and reset; positive edge-trigger

74HCT74D-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT74D-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT74D-Q100
Download  74HCT74D-Q100 Click to download

File Size   198.16 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual D-type flip-flop with set and reset; positive edge-trigger

74HCT74D-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT74D-Q100 Product details

General description
The 74HC74-Q100; 74HCT74-Q100 are dual positive edge triggered D-type flip-flop with
individual data (nD), clock (nCP), set (nSD) and reset (nRD) inputs, and complementary
nQ and nQ outputs. Data at the nD-input, that meets the set-up and hold time
requirements on the LOW-to-HIGH clock transition, will be stored in the flip-flop and
appear at the nQ output. The Schmitt-trigger action in the clock input, makes the circuit
highly tolerant to slower clock rise and fall times. Inputs include clamp diodes. This
enables the use of current limiting resistors to interface inputs to voltages in excess of
VCC.
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
Features and benefits
 Automotive product qualification in accordance with AEC-Q100 (Grade 1)
 Specified from 40 C to +85 C and from 40 C to +125 C
 Input levels:
 For 74HC74-Q100: CMOS level
 For 74HCT74-Q100: TTL level
 Symmetrical output impedance
 Low power dissipation
 High noise immunity
 Balanced propagation delays
 Specified in compliance with JEDEC standard no. 7A
 ESD protection:
 MIL-STD-883, method 3015 exceeds 2000 V
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 )
 Multiple package options




Similar Part No. - 74HCT74D-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT74D-Q100 NEXPERIA-74HCT74D-Q100 Datasheet
798Kb / 19P
Dual D-type flip-flop with set and reset; positive edge-trigger
More results


Similar Description - 74HCT74D-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
Dual D-type flip-flop with set and reset; positive-edge trigger
logo
NXP Semiconductors
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
logo
Nexperia B.V. All right...
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
Dual D-type flip-flop with set and reset positive-edge trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
Dual D-type flip-flop with set and reset; positive edge-trigger
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
Dual D-type flip-flop with set and reset; positive-edge trigger
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com